Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSJ109 Datasheet(PDF) 1 Page - Micross Components

Part # LSJ109
Description  N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJ109 Datasheet(HTML) 1 Page - Micross Components

  LSJ109 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J109 
LOW ON RESISTANCE 
rDS(on) ≤ 12Ω 
FAST SWITCHING 
t(on) ≤ 4ns 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +150°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = ‐25V 
Gate to Source Voltage 
VGSS = ‐25V 
  
LSJ109 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25 
‐‐ 
‐‐ 
 
 
V 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐2 
‐‐ 
‐6 
VDS = 5V, ID = 1µA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
0.7 
‐‐ 
IG = 1mA,   VDS = 0V 
IDSS 
Drain to Source Saturation Current (Note 2) 
40 
‐‐ 
‐‐ 
mA 
VDS = 15V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
‐0.01 ‐3  
nA 
VGS = ‐15V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐0.01 
‐‐ 
VDG = 10V,  ID = 10mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
 0.02 
3 
VDS = 5V, VGS = ‐10V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
12 Ω 
VGS = 0V,  VDS ≤ 0.1V 
 
 
    
 
LSJ109 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
‐‐ 
17 
‐‐ 
mS 
VDS = 5V,  ID = 10mA , f = 1kHz 
gos 
Output Conductance 
‐‐ 
0.6 
‐‐ 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
12 Ω 
VGS = 0V, ID = 0A,  f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
60 
85  
pF 
VDS = 0V, VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
11 
15 
VDS = 0V, VGS = ‐10V, f = 1MHz 
en 
Equivalent Noise Voltage 
‐‐ 
3.5 
‐‐ 
nV/√Hz 
VDS = 5V,  ID = 10mA , f = 1kHz 
 
 
    
 
LSJ109 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
3  
 
ns 
VDD = 1.5V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
1 
td(off) 
Turn Off Time 
4 
tf 
Turn Off Fall Time 
18 
                                                                                                                 
LSJ109 SWITCHING CIRCUIT PARAMETERS                                                                                                                          
VGS(L) ‐7V  
RL 
150Ω 
 
ID(on) 
10mA  
  
 
  
 
  
 
  
 
  
 
LSJ109
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J109
This n-channel JFET is optimised for low noise high
performance switching. The part is particularly suitable
for use in low noise audio amplifiers. The hermetically
sealed TO-18 package is well suited for hi-reliability and
harsh environment applications.
(See Packaging Information).
LSJ109 Applications:
Analog Switches
Commutators
Choppers
LSJ109 Benefits:
Low On Resistance
Low insertion loss
Low Noise
Micross Components Europe
Available Packages:
LSJ109 in TO-18
LSJ109 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which LSJ109 serviceability may be impaired.  Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3%
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
SWITCHING TEST CIRCUIT
TO-18 (Bottom View)


Similar Part No. - LSJ109

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ109 MICROSS-LSJ109 Datasheet
289Kb / 1P
N-CHANNEL JFET
LSJ109 MICROSS-LSJ109 Datasheet
291Kb / 1P
N-CHANNEL JFET
LSJ109_SOT-23 MICROSS-LSJ109_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
LSJ109_TO-92 MICROSS-LSJ109_TO-92 Datasheet
291Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LSJ109

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com