Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSJ113 Datasheet(PDF) 1 Page - Micross Components

Part # LSJ113
Description  N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJ113 Datasheet(HTML) 1 Page - Micross Components

  LSJ113 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J113 
LOW GATE LEAKAGE CURRENT 
5pA 
FAST SWITCHING 
t(on) ≤ 4ns 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
360mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = ‐35V 
Gate to Source Voltage 
VGSS = ‐35V 
  
LSJ113 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐35 
‐‐ 
‐‐ 
 
 
V 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage 
‐‐ 
‐‐ 
‐3 
VDS = 5V, ID = 1µA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
0.7 
‐‐ 
IG = 1mA,   VDS = 0V 
IDSS 
Drain to Source Saturation Current (Note 2) 
2 
‐‐ 
‐‐ 
mA 
VDS = 15V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
‐0.005 ‐1 
nA 
VGS = ‐15V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐0.5 
‐‐ 
pA 
VDG = 15V,  ID = 10mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
 0.005 
1 
nA 
VDS = 5V, VGS = ‐10V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
100 Ω 
IG = 1mA,  VDS = 0V 
 
 
    
 
LSJ113 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
‐‐ 
6 
‐‐ 
mS 
VDS = 20V,  ID = 1mA , f = 1kHz 
gos 
Output Conductance 
‐‐ 
25 
‐‐ 
µS 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
100 Ω 
VGS = 0V, ID = 0mA,  f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
7 
12 
pF 
VDS = 0V, VGS = ‐10V, f = 1MHz 
 
Crss 
Reverse Transfer Capacitance 
‐‐ 
3 
5 
en 
Equivalent Noise Voltage 
‐‐ 
3 
‐‐ 
nV/√Hz 
VDG = 10V,  ID = 1mA , f = 1kHz 
 
 
    
 
LSJ113 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
2  
 
ns 
VDD = 10V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
2 
td(off) 
Turn Off Time 
6 
tf 
Turn Off Fall Time 
15 
                                                                                                                 
LSJ113 SWITCHING CIRCUIT PARAMETERS                                                                                                                          
VGS(L) ‐5V  
RL 
3200Ω 
 
ID(on) 
3mA  
  
 
  
 
  
 
  
 
  
 
LSJ113
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J113
This n-channel JFET is optimised for low noise high
performance switching. The part is particularly suitable
for use in low noise audio amplifiers. The TO-92
package is well suited for cost sensitive applications
and mass production.
(See Packaging Information).
LSJ113 Applications:
Analog Switches
Commutators
Choppers
LSJ113 Benefits:
Short Sample & Hold Aperture Time
Low insertion loss
Low Noise
Micross Components Europe
Available Packages:
LSJ113 in TO-92
LSJ113 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which LSJ113 serviceability may be impaired.  Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3%
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
SWITCHING TEST CIRCUIT
TO-92 (Bottom View)


Similar Part No. - LSJ113

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ113 MICROSS-LSJ113 Datasheet
288Kb / 1P
N-CHANNEL JFET
LSJ113_SOT-23 MICROSS-LSJ113_SOT-23 Datasheet
288Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LSJ113

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com