Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSJ174 Datasheet(PDF) 1 Page - Micross Components

Part # LSJ174
Description  P-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJ174 Datasheet(HTML) 1 Page - Micross Components

  LSJ174 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J174 
LOW ON RESISTANCE 
rDS(on) ≤ 85Ω 
LOW GATE OPERATING CURRENT 
ID(off) = 10pA 
FAST SWITCHING 
t(ON) 25ns 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = ‐50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = 30V 
Gate to Source Voltage 
VGSS = 30V 
  
  
 
LSJ174 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage 
30 
‐‐ 
‐‐ 
 
V 
 
IG = ‐1µA,   VDS = 0V 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
‐0.7 
‐‐ 
                   IG = ‐1mA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage 
5 
‐‐ 
10 
VDS = ‐15V, ID = ‐10nA 
IDSS 
Drain to Source Saturation Current ‐20 
‐‐ 
‐135 
VDS = ‐15V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
0.01 
1  
nA 
 
VGS = 20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
0.01 
‐‐ 
VDG = ‐15V,  ID = ‐1mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
‐0.01 ‐1 
VDS = ‐15V, VGS = 0V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
85 Ω 
VGS = 0V,  VDS = ‐0.1V 
  
 
 
 
 
 
LSJ174 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
10  
 
ns 
VGS(L) = 0V 
 VGS(H) = 10V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
15 
td(off) 
Turn Off Time 
10 
tf 
Turn Off Fall Time 
20 
 
LSJ174 SWITCHING CIRCUIT PARAMETERS                                                                                                                                   SWITCHING CIRCUIT 
VDD ‐10V  
VGG 
20V  
RL 
560Ω 
 
RG 
100Ω 
 
ID(on) ‐15mA  
  
 
  
 
  
 
  
 
  
 
The LSJ174 is a single P-Channel JFET switch
LSJ174
P-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J174
This p-channel analog switch is designed to provide low
on-resistance and fast switching. When used in
combination with the complimentary J/SST111 n-
channel family, the LSJ174 simplifies series-shunt
switching applications
.
LSJ174 Applications:
Analog Switches
Choppers
Sample-and-Hold
Normally “On” Switches
Current Limiters
LSJ174 Benefits:
Low Error Voltage
High-Speed Analog Circuit Performance
Negligible “Off-Error,” Excellent Accuracy
Good Frequency Response
Eliminates Additional Buffering
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Available Packages:
LSJ174 in TO-18
LSJ174 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐  Absolute maximum ratings are limiting values above which LSJ174 serviceability may be impaired.
TO-18 (Bottom View)


Similar Part No. - LSJ174

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ174 MICROSS-LSJ174 Datasheet
302Kb / 1P
P-CHANNEL JFET
LSJ174 MICROSS-LSJ174 Datasheet
305Kb / 1P
P-CHANNEL JFET
LSJ174_SOT-23 MICROSS-LSJ174_SOT-23 Datasheet
302Kb / 1P
P-CHANNEL JFET
LSJ174_TO-92 MICROSS-LSJ174_TO-92 Datasheet
305Kb / 1P
P-CHANNEL JFET
More results

Similar Description - LSJ174

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J270 CALOGIC-J270 Datasheet
22Kb / 2P
P-Channel JFET
logo
Micross Components
J174_TO-92 MICROSS-J174_TO-92 Datasheet
304Kb / 1P
P-CHANNEL JFET
LS5115_TO-18 MICROSS-LS5115_TO-18 Datasheet
309Kb / 1P
P-CHANNEL JFET
LS5116_SOT-23 MICROSS-LS5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
LS5116_TO-18 MICROSS-LS5116_TO-18 Datasheet
283Kb / 1P
P-CHANNEL JFET
LSJ175_SOT-23 MICROSS-LSJ175_SOT-23 Datasheet
301Kb / 1P
P-CHANNEL JFET
LSJ177_SOT-23 MICROSS-LSJ177_SOT-23 Datasheet
301Kb / 1P
P-CHANNEL JFET
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
P-CHANNEL JFET
SST5116_SOT-23 MICROSS-SST5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5116 NJSEMI-2N5116 Datasheet
78Kb / 1P
P-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com