Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSJPAD5 Datasheet(PDF) 1 Page - Micross Components

Part # LSJPAD5
Description  PICO-AMP DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJPAD5 Datasheet(HTML) 1 Page - Micross Components

  LSJPAD5 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX JPAD5 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ ‐35V 
ULTRALOW LEAKAGE ≤ 5 pA 
REVERSE CAPACITANCE 
Crss ≤ 2.0pF 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Forward Current (Note 1) 
10mA 
 
 
LSJPAD5 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage ‐35 
‐‐ 
‐‐ 
V 
IR = ‐1µA 
VF 
Forward Voltage 
‐‐ 
0.8 
1.5 
V 
IF = 5mA 
CrSS 
Total Reverse Capacitance 
‐‐ 
1.5 
2 
pF 
VR = ‐5V, f = 1MHz 
IR 
Maximum Reverse Leakage Current 
‐‐ 
‐‐ 
‐5 
pA 
VR = ‐ 20V 
TO-92 (Bottom View)
The LSJPAD5 extremely low-leakage diode provides a
superior alternative to conventional diode
technology when reverse current (leakage) must be
minimized. The LSJPAD5 features a leakage current of
-5 pA and is well suited for use in applications such as
input protection for operational amplifiers.
LSJPAD5 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
LSJPAD5 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
The LSJPAD5 is a low leakage Pico-Amp Diode packaged in
TO-92
LSJPAD5
LOW LEAKAGE
PICO-AMP DIODE
Available Packages:
LSJPAD5 in TO-92
LSJPAD5 available as bare die
Please contact Micross for full package and die dimensions
Linear Systems replaces discontinued Siliconix JPAD5
Notes:
1. Absolute maximum ratings are limiting values above which LSJPAD5 serviceability may be impaired.
CA
2
1
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution.com
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
A
C


Similar Part No. - LSJPAD5

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJPAD50 MICROSS-LSJPAD50 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD500 MICROSS-LSJPAD500 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD500_TO-92 MICROSS-LSJPAD500_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD50_TO-92 MICROSS-LSJPAD50_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
More results

Similar Description - LSJPAD5

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJPAD10_TO-92 MICROSS-LSJPAD10_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD20_TO-92 MICROSS-LSJPAD20_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD50_TO-92 MICROSS-LSJPAD50_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD100_TO-92 MICROSS-LSJPAD100_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSPAD2_TO-72 MICROSS-LSPAD2_TO-72 Datasheet
264Kb / 1P
PICO-AMP DIODE
LSPAD100_TO-72 MICROSS-LSPAD100_TO-72 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSSSTPAD5_SOT-23 MICROSS-LSSSTPAD5_SOT-23 Datasheet
267Kb / 1P
PICO-AMP DIODE
LSSSTPAD10_SOT-23 MICROSS-LSSSTPAD10_SOT-23 Datasheet
267Kb / 1P
PICO-AMP DIODE
LSSSTPAD50_SOT-23 MICROSS-LSSSTPAD50_SOT-23 Datasheet
268Kb / 1P
PICO-AMP DIODE
PAD2_TO-72 MICROSS-PAD2_TO-72 Datasheet
264Kb / 1P
PICO-AMP DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com