Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSPAD20 Datasheet(PDF) 1 Page - Micross Components

Part # LSPAD20
Description  PICO-AMP DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSPAD20 Datasheet(HTML) 1 Page - Micross Components

  LSPAD20 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX PAD20 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ ‐45V 
ULTRALOW LEAKAGE ≤ 20 pA 
REVERSE CAPACITANCE 
Crss ≤ 2.0pF 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
MAXIMUM CURRENT
Forward Current (Note 1) 
50mA 
 
 
LSPAD20 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage ‐45 
‐‐ 
‐‐ 
V 
IR = ‐1µA 
VF 
Forward Voltage 
‐‐ 
0.8 
1.5 
V 
IF = 5mA 
CrSS 
Total Reverse Capacitance 
‐‐ 
1.5 
2 
pF 
VR = ‐5V, f = 1MHz 
IR 
Maximum Reverse Leakage Current 
‐‐ 
‐‐ 
‐20 
pA 
VR = ‐ 20V 
TO-72 (Bottom View)
The LSPAD20 extremely low-leakage diode provides a
superior alternative to conventional diode
technology when reverse current (leakage) must be
minimized. The LSPAD20 features a leakage current of
-20 pA and is well suited for use in applications such as
input protection for operational amplifiers.
LSPAD20 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
LSPAD20 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
LSPAD20 is a low leakage Pico-Amp Diode packaged in hermetic
TO-72
LSPAD20
LOW LEAKAGE
PICO-AMP DIODE
Available Packages:
LSPAD20 in TO-72
LSPAD20 available as bare die
Please contact Micross for full package and die dimensions
Linear Systems replaces discontinued Siliconix PAD20
Notes:
1. Absolute maximum ratings are limiting values above which LSPAD20 serviceability may be impaired.
A
C
C
2
1
3
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution.com
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.


Similar Part No. - LSPAD20

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSPAD2 MICROSS-LSPAD2 Datasheet
264Kb / 1P
PICO-AMP DIODE
LSPAD2_TO-72 MICROSS-LSPAD2_TO-72 Datasheet
264Kb / 1P
PICO-AMP DIODE
More results

Similar Description - LSPAD20

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJPAD10_TO-92 MICROSS-LSJPAD10_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD20_TO-92 MICROSS-LSJPAD20_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD50_TO-92 MICROSS-LSJPAD50_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSJPAD100_TO-92 MICROSS-LSJPAD100_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSPAD2_TO-72 MICROSS-LSPAD2_TO-72 Datasheet
264Kb / 1P
PICO-AMP DIODE
LSPAD100_TO-72 MICROSS-LSPAD100_TO-72 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSSSTPAD5_SOT-23 MICROSS-LSSSTPAD5_SOT-23 Datasheet
267Kb / 1P
PICO-AMP DIODE
LSSSTPAD10_SOT-23 MICROSS-LSSSTPAD10_SOT-23 Datasheet
267Kb / 1P
PICO-AMP DIODE
LSSSTPAD50_SOT-23 MICROSS-LSSSTPAD50_SOT-23 Datasheet
268Kb / 1P
PICO-AMP DIODE
PAD2_TO-72 MICROSS-PAD2_TO-72 Datasheet
264Kb / 1P
PICO-AMP DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com