Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND017SW Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND017SW
Description  Lowside Power Switch Lamp, Solenoid, and Motor-Driving Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017SW Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND017SW Datasheet HTML 1Page - Sanyo Semicon Device TND017SW Datasheet HTML 2Page - Sanyo Semicon Device TND017SW Datasheet HTML 3Page - Sanyo Semicon Device TND017SW Datasheet HTML 4Page - Sanyo Semicon Device TND017SW Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TND017MP, 017SW
No.6481–2/5
Block Diagram
˚C
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
p
m
a
l
C
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV S
D
p
m
a
l
cV N
I
I
,
0
=
O
A
m
1
=0
6V
t
n
e
r
r
u
C
F
F
O
-
t
u
p
t
u
O
I
S
S
D
)
1
(V N
I
V
,
0
=
S
D
V
0
5
=0
1A
µ
I
S
S
D
)
2
(V N
I
V
,
0
=
S
D
V
2
1
=
5A
µ
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
u
p
n
I
V N
I
)
h
t
(V S
D
I
,
V
5
=
O
A
m
1
=
0
.
15
.
10
.
2V
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
a
r
e
p
O
t
i
u
c
r
i
C
n
o
i
t
c
e
t
o
r
P
V N
I
)
r
p
o
(
40
1V
e
c
n
a
t
s
i
s
e
R
N
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DR S
D
)
n
o
(V N
I
I
,
V
5
=
O
A
1
=
3
.
04
.
0
Ω
)
N
O
t
u
p
t
u
O
(
t
n
e
r
r
u
C
t
u
p
n
II N
I
V N
I
V
5
=
5
2
.
06
.
0A
m
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
c
e
t
e
D
t
a
e
h
r
e
v
O)
d
s
(
j
TV N
I
I
,
V
5
=
O
A
1
=
0
2
10
5
10
9
1
t
n
e
r
r
u
C
g
n
i
t
c
e
t
e
D
t
n
e
r
r
u
c
r
e
v
Os
IV N
I
V
5
=
0
.
30
.
40
.
5A
)
k
a
e
P
(
t
i
m
i
L
t
n
e
r
r
u
c
r
e
v
OI
T
M
L
V N
I
V
5
=
5
.
35
.
45
.
5A
e
g
a
t
l
o
V
p
m
a
l
C
t
u
p
n
IV N
I
p
m
a
l
c
,I N
I
A
m
1
=
0
1V
IN
GND(S)
OUT(D)
Gate
shutdown
Overcurrent
protection
Output current
control
Overvoltage
protection
Overheat
protection
ESD
protection
IIN -- Ta
IIN -- VIN
0
0.1
0.2
0.3
0.4
0.5
--50
--25
0
25
50
75
100
--50
--25
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
2
345
6
7
89
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0123456789
10
0
0.1
0.2
0.3
0.4
0.5
0.6
RDS(on) -- Ta
RDS(on) -- VIN
IT02013
IT02014
IT02011
IT02012
--40
°C
25
°C
Ta=85
°C
VIN
=4V
VIN=5V
6V
5V
IO=1A
IO=1A
Ta=25
°C
Protection
operation
Normal
operation
Input Voltage, VIN –V
Input Voltage, VIN –V
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
Notes : 1. Overcurrent protection circuit limits the output current to the range of overcurrent limit value.
2. During overheat protecting operation, output current is once turned off and then recovers after the input voltage falls to the reset voltage
(1.0V) or below.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com