Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC54 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC54
Description  CMOS voltage detectors that are especially well suited for battery-powered
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54 Datasheet(HTML) 1 Page - Microchip Technology

  TC54_11 Datasheet HTML 1Page - Microchip Technology TC54_11 Datasheet HTML 2Page - Microchip Technology TC54_11 Datasheet HTML 3Page - Microchip Technology TC54_11 Datasheet HTML 4Page - Microchip Technology TC54_11 Datasheet HTML 5Page - Microchip Technology TC54_11 Datasheet HTML 6Page - Microchip Technology TC54_11 Datasheet HTML 7Page - Microchip Technology TC54_11 Datasheet HTML 8Page - Microchip Technology TC54_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2001-2011 Microchip Technology Inc.
DS21434J-page 1
TC54
Features
• ±2.0% Detection Thresholds
• Small Packages: 3-Pin SOT-23A, SOT-89, and
TO-92
• Low Current Drain: 1 µA, typical
• Wide Detection Range: 1.1V to 6.0V
• Wide Operating Voltage Range: 0.7V to 10V
Applications
• Battery Voltage Monitoring
• Microprocessor Reset
• System Brown-Out Protection
• Switching Circuit in Battery Backup
• Level Discriminator
Functional Block Diagram
General Description
The TC54 series are CMOS voltage detectors that are
especially well suited for battery-powered applications
because of their extremely low 1 µA operating current
and small surface-mount packaging. Each part is laser-
trimmed to the desired threshold voltage, which can be
specified from 1.4V to 6.0V with a 2% tolerance.
The TC54 is available with either an open-drain or com-
plementary output stage. During operation, the output
(VOUT) remains in the logic-high state as long as VIN is
greater than the specified threshold voltage (VDET –).
When VIN falls below VDET –, the output is driven to a
logic-low. VOUT remains low until VIN rises above
VDET – by an amount VHYST, when it resets to a logic-
high state.
Package Types
Device Features
VOUT
VSS
+
–
VIN
VREF
TC54VC only
TC54VN has open-drain output.
TC54VC has complementary (push-pull) output.
1
3
2
VIN VSS
VOUT
TC54
3-Pin SOT-89
Note:
3-Pin SOT-23A is equivalent to the
EIAJ SC-59.
3-Pin TO-92
12 3
VSS
VIN
VOUT
VIN
VOUT
VSS
3
12
TC54
3-Pin SOT-23A
VIN
Device
Output
Reset Delay
Std. Trip Points(1) (typical)
Type
State
TC54VN
Open-Drain
Active Low
No
1.4V, 2.1V, 2.7V, 2.9V
TC54VC
Push-Pull
Active Low
No
3.0V, 4.2V, 4.3V
Note 1:
Custom Trip Points available. Minimum order requirement. Information available upon request.
Voltage Detector


Similar Part No. - TC54_11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC54256 TOSHIBA-TC54256 Datasheet
545Kb / 11P
32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
TC54256AF TOSHIBA-TC54256AF Datasheet
545Kb / 11P
32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
SELEC Controls Pvt. Ltd
TC544A SELEC-TC544A Datasheet
1Mb / 3P
Economic Temperature Controller
TC544A-1 SELEC-TC544A-1 Datasheet
1Mb / 3P
Economic Temperature Controller
More results

Similar Description - TC54_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS80010 TI-TPS80010 Datasheet
5Mb / 22P
PMU for Alkaline Battery-Powered Applications
logo
Maxim Integrated Produc...
MAX14578E MAXIM-MAX14578E Datasheet
2Mb / 23P
USB Battery Charger Detectors
Rev 1; 2/12
logo
Advanced Monolithic Sys...
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
Suntan Capacitors
LL4148 SUNTAN-LL4148 Datasheet
683Kb / 4P
Fast switching diode in MiniMELF case especially suited
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
System PMIC for Battery Powered Systems
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
TE Connectivity Ltd
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
Especially suited for applications white goods consumer electronics, etc.
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
These devices are particularly suited for low voltage applications in notebook computers,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com