Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73861 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73861
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73861 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73861 Datasheet HTML 17Page - Microchip Technology MCP73861 Datasheet HTML 18Page - Microchip Technology MCP73861 Datasheet HTML 19Page - Microchip Technology MCP73861 Datasheet HTML 20Page - Microchip Technology MCP73861 Datasheet HTML 21Page - Microchip Technology MCP73861 Datasheet HTML 22Page - Microchip Technology MCP73861 Datasheet HTML 23Page - Microchip Technology MCP73861 Datasheet HTML 24Page - Microchip Technology MCP73861 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2011 Microchip Technology Inc.
DS21893E-page 21
MCP73861/2/3/4
Power dissipation with a 5V, ±10% input voltage source
is:
With the battery charger mounted on a 1 in2 pad of
1 oz. copper, the junction temperature rise is 60°C,
approximately. This would allow for a maximum operat-
ing ambient temperature of 50°C before thermal
regulation is entered.
6.1.1.3
External Capacitors
The MCP7386X is stable with or without a battery load.
In order to maintain good AC stability in the Constant-
voltage mode, a minimum capacitance of 4.7 µF is rec-
ommended to bypass the VBAT pin to VSS. This capac-
itance provides compensation when there is no battery
load. In addition, the battery and interconnections
appear inductive at high frequencies. These elements
are in the control feedback loop during Constant-volt-
age mode. Therefore, the bypass capacitance may be
necessary to compensate for the inductive nature of
the battery pack.
Virtually any good quality output filter capacitor can be
used, independent of the capacitor’s minimum Effec-
tive Series Resistance (ESR) value. The actual value of
the capacitor (and its associated ESR) depends on the
output load current. A 4.7 µF ceramic, tantalum or alu-
minum electrolytic capacitor at the output is usually suf-
ficient to ensure stability for up to a 1A output current.
6.1.1.4
Reverse-Blocking Protection
The MCP7386X provides protection from a faulted or
shorted input, or from a reversed-polarity input source.
Without the protection, a faulted or shorted input would
discharge the battery pack through the body diode of
the internal pass transistor.
6.1.1.5
Enable Interface
In the stand-alone configuration, the enable pin is gen-
erally tied to the input voltage. The MCP7386X auto-
matically enters a Low-power mode when voltage on
the VDD input falls below the UVLO voltage (VSTOP),
reducing the battery drain current to 0.23 µA,typically.
6.1.1.6
Charge Status Interface
Two status outputs provide information on the state of
charge. The current-limited, open-drain outputs can be
used to illuminate external LEDs. Refer to Table 5-1 for
a summary of the state of the status outputs during a
charge cycle.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VBAT and VSS pins,
recommended to minimize voltage drops along the
high current-carrying PCB traces.
If the PCB layout is used as a heatsink, adding many
vias in the heatsink pad can help conduct more heat to
the backplane of the PCB, thus reducing the maximum
junction temperature.
Pow erD issip atio n
5.5V
2.7 V
–
 575mA
1.61 W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com