Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3901
Description  Two-Channel Analog Front End Portable Instrumentation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 54Page - Microchip Technology MCP3901 Datasheet HTML 55Page - Microchip Technology MCP3901 Datasheet HTML 56Page - Microchip Technology MCP3901 Datasheet HTML 57Page - Microchip Technology MCP3901 Datasheet HTML 58Page - Microchip Technology MCP3901 Datasheet HTML 59Page - Microchip Technology MCP3901 Datasheet HTML 60Page - Microchip Technology MCP3901 Datasheet HTML 61Page - Microchip Technology MCP3901 Datasheet HTML 62Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
© 2011 Microchip Technology Inc.
DS22192D-page 59
MCP3901
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3901:
Two-Channel
ΔΣ A/D Converter
Address Options:
XX
A6
A5
A0*
=
0
0
A1
=
0
1
A2
=
1
0
A3
=
1
1
* Default option. Contact Microchip factory for other
address options
Tape and Reel:
T
= Tape and Reel
Temperature Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
SS
= Plastic Shrink Small Outline (SSOP), 20-lead
ML = Plastic Quad Flat No-lead (4x4 QFN), 20-lead
Examples:
a)
MCP3901A0-I/SS:
Two-Channel
ΔΣ A/D
Converter,
SSOP-20 package,
Address Option = A0
Industrial Temperature
Range
b)
MCP3901A0T-I/SS:
Tape and Reel,
Two-Channel
ΔΣ A/D
Converter,
SSOP-20 package,
Address Option = A0
Industrial Temperature
Range
c)
MCP3901A1-I/SS:
Two-Channel
ΔΣ A/D
Converter,
SSOP-20 package,
Address Option = A1
Industrial Temperature
Range
d)
MCP3901A1T-I/SS:
Tape and Reel,
Two-Channel
ΔΣ A/D
Converter,
SSOP-20 package,
Address Option = A1
Industrial Temperature
Range
e)
MCP3901A0-E/ML:
Two-Channel
ΔΣ A/D
Converter,
QFN-20 package,
Address Option = A0
Extended Temperature
Range.
PART NO.
X
XX
Address
Temperature
Range
Device
/XX
Package
Options
X
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com