Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND024MP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND024MP
Description  Lamp-, solenoid-, and motor-driving Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND024MP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND024MP Datasheet HTML 1Page - Sanyo Semicon Device TND024MP Datasheet HTML 2Page - Sanyo Semicon Device TND024MP Datasheet HTML 3Page - Sanyo Semicon Device TND024MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TND024F, 024MP
No.6035–2/4
˚C
Continued from preceding page.
*Note:
1.Shutdown state will be kept after overheat and overcurrent protections operation and the system will be reset when
the input voltage goes to or below the reset voltage (1.0V).
2.Overheat detecting temperature value is not a guarantee value but for reference only.
Block Diagram
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
c
t
u
p
n
I
N
O
-
t
u
p
t
u
OI N
I
V N
I
V
5
=5
2
.
06
.
0A
m
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
c
e
t
e
D
t
a
e
h
r
e
v
O)
d
s
(
j
TV N
I
I
,
V
5
=
O
A
1
=5
5
15
6
1
t
n
e
r
r
u
C
g
n
i
t
c
e
t
e
D
t
n
e
r
r
u
c
r
e
v
O
s
IV N
I
V
5
=
5
.
465
.
7A
e
g
a
t
l
o
V
p
m
a
l
C
t
u
p
n
I
V N
I
p
m
a
l
cI N
I
A
m
5
=
0
1V
OUT
GND
IN
Gate shutdown
Overcurrent
protection
Overheat
protection
ESD
protection
Overvoltage
protection
RDS(on) - Ta
RDS(on) - VIN
I IN - Ta
I IN - VIN
VIN=5V
5V
6V
VIN
=4V
IO=1A
IO=1A
25
°C
–40
°C
Ta=85
°C
0.05
0
0.1
0.15
0.2
0.25
0.3
-25
0
25
50
75
100
125
150
-50
0.05
0
0.1
0.15
0.2
0.25
0.3
0
1
23456789
10
0.1
0.2
0.3
0.4
0.5
0.6
0
-50
-25
0
25
50
75
150
125
100
Ta=25
°C
0
1
234
67
511
810
9
0.2
0.4
0.6
0.8
1.0
0
0.1
0.3
0.5
0.7
0.9
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
Input Voltage, VIN –V
Input Voltage, VIN –V
Protection
operation
Normal
operation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com