Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7992 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TS7992
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TS7992 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TS7992 Datasheet HTML 1Page - Sanyo Semicon Device TS7992 Datasheet HTML 2Page - Sanyo Semicon Device TS7992 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TS7992
No.5961-2/3
7
VCE=5V
VCE=5V
25˚C
–40˚C
Ta=120˚C
VCC=200V
IC/IB1=6
IB2/IB1=2.5
R load
VCC=200V
IC=12A
IB1=2A
R load
tf
tstg
tf
tstg
0.1
2
3
5
7
7
1.0
2
3
5
7
10
2
3
5
5
7
2
3
5
7
7
1.0
0.1
0.1
33
57 1.0
23
5
7
10
22
1.0
0.1
35
7
10
2
35
7
72
2
2
3
5
7
10
1.0
2
3
5
7
100
0.1
35
7 1.0
23
5
7
10
23
2
4
8
12
20
16
2
6
10
18
14
0
2
4
6
8
10
12
14
16
18
20
0
02
4
6
8
10
13
5
7
9
0
0.2
0.4
0.6
0.8
1.0
1.2
hFE - I C
I C - VCE
I C - VBE
VCE(sat) - I C
SW Time - I C
SW Time - I B2
IB=0
5.0A
0.5A
1.0A
1.5A
2.0A
2.5A
3.0A
4.5A
3.5A
4.0A
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –A
Base Current, IB2 –A
2
3
5
7
1.0
2
3
5
7
0.1
0.01
2
3
5
7
10
0.1
35
7
1.0
23
2
35
7 10
2
25˚C
120˚C
Ta=–40˚C
IC/IB=5
IB1
IB2
PW=20
µs
DC
≤1%
INPUT
OUTPUT
50
Ω
VR
RB
RL=16.7Ω
100
µF
470
µF
VBE=–2V
VCC=200V
+
+
Switching Time Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com