Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FV32KA304 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC24FV32KA304
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA304 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC24FV32KA304 Datasheet HTML 35Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 36Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 37Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 38Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 39Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 40Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 41Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 42Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 320 page
background image
PIC24FV32KA304 FAMILY
DS39995B-page 39
 2011 Microchip Technology Inc.
4.2
Data Address Space
The PIC24F core has a separate, 16-bit wide data
memory space, addressable as a single linear range.
The data space is accessed using two Address
Generation Units (AGUs), one each for read and write
operations. The data space memory map is shown in
Figure 4-3.
All Effective Addresses (EAs) in the data memory space
are 16 bits wide and point to bytes within the data space.
This gives a data space address range of 64 Kbytes or
32K words. The lower half of the data memory space
(that is, when EA<15> = 0) is used for implemented
memory addresses, while the upper half (EA<15> = 1) is
reserved for the Program Space Visibility (PSV) area
(see Section 4.3.3 “Reading Data From Program
Memory Using Program Space Visibility”
).
PIC24FV32KA304 family devices implement a total of
1024 words of data memory. If an EA points to a
location outside of this area, an all zero word or byte will
be returned.
4.2.1
DATA SPACE WIDTH
The
data
memory
space
is
organized
in
byte-addressable, 16-bit wide blocks. Data is aligned in
data memory and registers as 16-bit words, but all the
data space EAs resolve to bytes. The Least Significant
Bytes (LSBs) of each word have even addresses, while
the Most Significant Bytes (MSBs) have odd
addresses.
FIGURE 4-3:
DATA SPACE MEMORY MAP FOR PIC24FV32KA304 FAMILY DEVICES
0000h
07FEh
FFFEh
LSB
Address
LSB
MSB
MSB
Address
0001h
07FFh
0FFFh
FFFFh
8001h
8000h
7FFFh
0801h
0800h
Near
0FFEh
SFR
SFR Space
Data RAM
7FFFh
Program Space
Visibility Area
Note:
Data memory areas are not shown to scale.
1FFEh
1FFF
Space
Data Space
Implemented
Data RAM
Unimplemented
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com