Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP503 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VP503
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP503 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VP503 Datasheet HTML 1Page - Sanyo Semicon Device VP503 Datasheet HTML 2Page - Sanyo Semicon Device VP503 Datasheet HTML 3Page - Sanyo Semicon Device VP503 Datasheet HTML 4Page - Sanyo Semicon Device VP503 Datasheet HTML 5Page - Sanyo Semicon Device VP503 Datasheet HTML 6Page - Sanyo Semicon Device VP503 Datasheet HTML 7Page - Sanyo Semicon Device VP503 Datasheet HTML 8Page - Sanyo Semicon Device VP503 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Features
The new VP503 series video packs provide the following features:
• 80 MHz operation and with three channels provided in a single package. The tr and tf times are 5 ns, as tested by
Sanyo with CL = 10 pF.
Cascode plus emitter follower circuit structure
• Newly developed ultrahigh-frequency bipolar transistors adopted
• Ultraminiature package for a size reduction of 1/2 over the earlier Sanyo VPS series. This package supports
standard zigzag forming.
Also, as shown in the figure below, 100 to 250-MHz product series are under development.
Package Dimensions
No. 4933-4/11
VP503



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com