Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5000 Datasheet(PDF) 1 Page - Micross Components

Part # SD5000
Description  Quad N-Channel Enhancement Mode DMOS Lateral Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SD5000 Datasheet(HTML) 1 Page - Micross Components

  SD5000 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com
Features:
Quad SPST Switch with Zener Input Protection Switch
Low Interelectrode Capacitance and Leakage
Ultra-High Speed Switching—tON: 1 ns
Ultra-Low Reverse Capacitance: 0.2 pF
Low Turn-On Threshold Voltage
Benefits:
High-Speed System Performance
Low Insertion Loss at High Frequencies
Low Transfer Signal Loss
Simple Driver Requirement
Single Supply Operation
Description:
The SD5000 / SD5400 series of monolithic switches features
four individual double-diffused enhancement-mode MOSFETs
built on a common substrate. These bidirectional devices
provide low on-resistance and low interelectrode capacitances
to minimize insertion loss and crosstalk.
Built on Siliconix’ proprietary DMOS process, the SD5000 /
SD5400 series utilizes lateral construction to achieve low
capacitance and ultra-fast switching speeds. For manufacturing
reliability, these devices feature poly-silicon gates protected by
Zener diodes
Availability:
SD5400 / SD5401 - 14 Pin narrow body SOIC
SD5400 / SD5401 - 16 Pin narrow body SOIC
SD5400 / SD5401 - Bare die and wafer form
SD5000N / SD5001N - 16 Pin DIP
SD5000N / SD5001N - Bare die and wafer form
Product Summary:
Absolute Max Ratings
Gate-Drain, Gate-Source Voltage
(SD5000, SD5400) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +30 V / –25 V
(SD5001, SD5401) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +25 V / –15 V
Gate-Substrate Voltage
(SD5000, SD5400) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+30 V / –0.3 V
(SD5001, SD5401) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+25 V / –0.3 V
Drain-Source Voltage
(SD5000, SD5400) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 V
(SD5001, SD5401) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 V
Drain-Source-Substrate Voltage
(SD5000, SD5400) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V
(SD5001, SD5401) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50 mA
Lead Temperature (1/16” from case for 10 seconds) . 300°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . – 65 to 150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . – 55 to 150°C
For full datasheet and also mechanical die details
Please contact Micross Components,
chipcomponents@micross.com
Note all package types are available with special electrical
selection, including bare die form.
SD5000 / SD5400 series Quad N-Channel Enhancement Mode DMOS Lateral Switches
SD5000 / SD5400 Applications:
ATE (Automatic Test Equipment)
Analog Switch, A/D & D/A Converters
Laser Drivers
Medical Imaging
Multiplexer, Sample & Hold, Switch Driver & Vision
Systems
SD5000 / SD5400 ultra-fast switches offer improved accuracy,
speed and throughput, with less glitching or distortion than JFETs
or multiplexers. Designed for high frequency RF operation,
SD5000 / SD5400 provide switching speeds of 1ns with the
unique combination of 70ohms "ON" resistance, and a reverse
transfer capacitance of .5 pf. A maximum threshold of 1.5 volts
permits simple TTL and CMOS driving for small signal
applications.
SD5400 / SD5000 can switch analog signals up to +/- 10 volts,
while the SD5401 / SD5001 can switch signals up to +/- 5 volts.
All versions have gate ESD protection zener diodes.
Linear Systems replaces discontinued Siliconix SD* product line
Packages – Top View
Dual-In-Line
Narrow Body SOIC
SD5000 / SD5400
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.


Similar Part No. - SD5000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD5000 STMICROELECTRONICS-SD5000 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Calogic, LLC
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD5000 LINEAR-SD5000 Datasheet
226Kb / 4P
QUAD N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
Calogic, LLC
SD5000 CALOGIC-SD5000 Datasheet
45Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
More results

Similar Description - SD5000

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD2100 CALOGIC-SD2100 Datasheet
26Kb / 2P
N-Channel Depletion Mode Lateral DMOS FET
SST211 CALOGIC-SST211 Datasheet
26Kb / 2P
FAST DMOS FET Switches N-Channel Enhancement-Mode
logo
Linear Integrated Syste...
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD5000T LINEAR-SD5000T Datasheet
226Kb / 4P
QUAD N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
N-CHANNEL LATERAL DMOS SWITCH
logo
Micross Components
SD5400CY_SOIC MICROSS-SD5400CY_SOIC Datasheet
253Kb / 1P
Quad N-Channel Enhancement Mode DMOS Lateral Switches
SD210DE MICROSS-SD210DE Datasheet
240Kb / 1P
N-Channel Enhancement Mode DMOS Lateral Switches
SD214DE MICROSS-SD214DE Datasheet
261Kb / 1P
N-Channel Enhancement Mode DMOS Lateral Switches
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
N-Channel Lateral DMOS FETs
logo
Calogic, LLC
SST211 CALOGIC-SST211_15 Datasheet
33Kb / 2P
FAST DMOS FET Switches N-Channel Enhancement-Mode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com