Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS512
Description  KEELOQ짰 Code Hopping Decoder system and high security
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS512_11 Datasheet HTML 8Page - Microchip Technology HCS512_11 Datasheet HTML 9Page - Microchip Technology HCS512_11 Datasheet HTML 10Page - Microchip Technology HCS512_11 Datasheet HTML 11Page - Microchip Technology HCS512_11 Datasheet HTML 12Page - Microchip Technology HCS512_11 Datasheet HTML 13Page - Microchip Technology HCS512_11 Datasheet HTML 14Page - Microchip Technology HCS512_11 Datasheet HTML 15Page - Microchip Technology HCS512_11 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
HCS512
DS40151E-page 12
© 2011 Microchip Technology Inc.
7.0
KEY GENERATION SCHEMES
The HCS512 decoder has two key generation schemes. Normal learning uses the transmitter’s serial number to derive
two input seeds which are used as inputs to the key generation algorithm. Secure learning uses the seed transmission
to derive the two input seeds. Two key generation algorithms are available to convert the inputs seeds to secret keys.
The appropriate scheme is selected in the Configuration Word.
FIGURE 7-1:
7.1
Normal Learning (Serial Number Derived)
The two input seeds are composed from the serial number in two ways, depending on the encoder type. The encoder
type is determined from the number of bits in the incoming transmission. SourceH is used to calculate the upper 32 bits
of the crypt key, and SourceL, for the lower 32 bits.
For 28-bit serial number encoders (66 / 67-bit transmissions):
SourceH = 6H + 28 bit Serial Number
SourceL = 2H + 28 bit Serial Number
7.2
Secure Learning (Seed Derived)
The two input seeds are composed from the seed value that is transmitted during secure learning. The lower 32 bits of
the seed transmission is used to compose the lower seed, and the upper 32 bits, for the upper seed. The upper 4 bits
(function code) are set to zero.
For 32-bit seed encoders:
SourceH = Serial Number Lower 28 bits (with upper 4 bits always zero)
SourceL = Seed 32 bits
For 48-bit seed encoders:
SourceH = Seed Upper 16 bits + Serial Number Upper 16 bits (with upper 4 bits always zero) << 16
SourceL = Seed Lower 32 bits
For 60-bit seed encoders:
SourceH = Seed Upper 28 bits (with upper 4 bits always zero)
SourceL = Seed Lower 32 bits
Seed
Patched
Serial
Number
Key Generation
Algorithms
-------------------
Decrypt
XOR
Encoder
Key
Manufacturer’s
Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com