Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS512
Description  KEELOQ짰 Code Hopping Decoder system and high security
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 1 Page - Microchip Technology

  HCS512 Datasheet HTML 1Page - Microchip Technology HCS512 Datasheet HTML 2Page - Microchip Technology HCS512 Datasheet HTML 3Page - Microchip Technology HCS512 Datasheet HTML 4Page - Microchip Technology HCS512 Datasheet HTML 5Page - Microchip Technology HCS512 Datasheet HTML 6Page - Microchip Technology HCS512 Datasheet HTML 7Page - Microchip Technology HCS512 Datasheet HTML 8Page - Microchip Technology HCS512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2011 Microchip Technology Inc.
DS40151E-page 1
HCS512
FEATURES
Security
• Secure storage of Manufacturer’s Code
• Secure storage of transmitter’s keys
• Up to four transmitters can be learned
•KEELOQ® code hopping technology
• Normal and secure learning mechanisms
Operating
• 4.0V – 6.0V operation
• 4 MHz external RC oscillator
• Learning indication on LRNOUT
• Auto baud rate detection
• Power saving SLEEP mode
Other
• Stand-alone decoder
• On-chip EEPROM for transmitter storage
• Four binary function outputs–15 functions
• 18-pin DIP/SOIC package
Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks
• Identity tokens
• Burglar alarm systems
Compatible Encoders
All KEELOQ encoders and transponders configured for
the following setting:
• PWM modulation format (1/3-2/3)
•TE in the range from 100
μs to 400 μs
• 10 x TE Header
• 28-bit Serial Number
• 16-bit Synchronization counter
• Discrimination bits equal to Serial Number 8 LSbs
• 66- to 69-bit length code word.
DESCRIPTION
The Microchip Technology Inc. HCS512 is a code hop-
ping decoder designed for secure Remote Keyless
Entry (RKE) systems. The HCS512 utilizes the pat-
ented KEELOQ code hopping system and high security
learning mechanisms to make this a canned solution
when used with the HCS encoders to implement a uni-
directional remote keyless entry system.
PACKAGE TYPE
BLOCK DIAGRAM
The Manufacturer’s Code, transmitter keys, and syn-
chronization information are stored in protected on-
chip EEPROM. The HCS512 uses the DATA and CLK
inputs to load the Manufacturer’s Code which cannot
be read out of the device.
PDIP, SOIC
1
2
3
4
5
6
7
8
9
LRNIN
LRNOUT
NC
MCLR
GND
S0
S1
S2
S3
18
17
16
15
14
13
12
11
10
RFIN
NC
OSCIN
OSCOUT
VDD
DATA
CLK
SLEEP
VLOW
S0
S1
S3
S2
VLOW
Reception Register
EEPROM
CONTROL
DECRYPTOR
OUTPUT
RFIN
OSCILLATOR
OSCIN
CONTROL
LRNOUT
DATA
CLK
LRNIN
MCLR
SLEEP
KEELOQ® Code Hopping Decoder


Similar Part No. - HCS512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
KEELOQ CODE HOPPING DECODER
1997
HCS512 MICROCHIP-HCS512 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS512 MICROCHIP-HCS512 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS512-/P MICROCHIP-HCS512-/P Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS512-/SO MICROCHIP-HCS512-/SO Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
More results

Similar Description - HCS512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS500 MICROCHIP-HCS500_11 Datasheet
728Kb / 40P
KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
HCS515 MICROCHIP-HCS515_11 Datasheet
820Kb / 38P
KEELOQ짰 Code Hopping Decoder stand-alone decoder
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com