Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 1 Page - Microchip Technology

  HCS500_11 Datasheet HTML 1Page - Microchip Technology HCS500_11 Datasheet HTML 2Page - Microchip Technology HCS500_11 Datasheet HTML 3Page - Microchip Technology HCS500_11 Datasheet HTML 4Page - Microchip Technology HCS500_11 Datasheet HTML 5Page - Microchip Technology HCS500_11 Datasheet HTML 6Page - Microchip Technology HCS500_11 Datasheet HTML 7Page - Microchip Technology HCS500_11 Datasheet HTML 8Page - Microchip Technology HCS500_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2011 Microchip Technology Inc.
DS40153D-page 1
HCS500
FEATURES
Security
• Encrypted storage of manufacturer’s code
• Encrypted storage of crypt keys
• Up to seven transmitters can be learned
•KEELOQ® code hopping technology
• Normal and Secure learning mechanisms
Operating
• 3.0V—5.5V operation
• Internal oscillator
• Auto bit rate detection
Other
• Stand-alone decoder chipset
• External EEPROM for transmitter storage
• Synchronous serial interface
• 1 Kbit user EEPROM
• 8-pin DIP/SOIC package
Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks
• Identity tokens
• Burglar alarm systems
Compatible Encoders
All KEELOQ encoders and transponders configured for
the following setting:
• PWM modulation format (1/3-2/3)
•TE in the range from 100us to 400us
• 10 x TE Header
• 28-bit Serial Number
• 16-bit Synchronization counter
• Discrimination bits equal to Serial Number 8 LSbs
• 66- to 69-bit length code word.
DESCRIPTION
The Microchip Technology Inc. HCS500 is a code hop-
ping decoder designed for secure Remote Keyless
Entry (RKE) systems. The HCS500 utilizes the pat-
ented KEELOQ code hopping system and high security
learning mechanisms to make this a canned solution
when used with the HCS encoders to implement a uni-
directional remote and access control systems. The
HCS500 can be used as a stand-alone decoder or in
conjunction with a microcontroller.
PACKAGE TYPE
BLOCK DIAGRAM
The manufacturer’s code, crypt keys, and synchroniza-
tion information are stored in encrypted form in external
EEPROM. The HCS500 uses the S_DAT and S_CLK
inputs to communicate with a host controller device.
The HCS500 operates over a wide voltage range of
3.0 volts to 5.5 volts. The decoder employs automatic
bit-rate detection, which allows it to compensate for
wide variations in transmitter data rate. The decoder
contains sophisticated error checking algorithms to
ensure only valid codes are accepted.
PDIP, SOIC
1
2
3
4
VDD
EE_CLK
EE_DAT
MCLR
8
7
6
5
VSS
RFIN
S_CLK
S_DAT
Reception Register
External
CONTROL
DECRYPTOR
RFIN
OSCILLATOR
S_DAT
S_CLK
MCLR
EEPROM
EE_DAT
EE_CLK
KEELOQ® Code Hopping Decoder


Similar Part No. - HCS500_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results

Similar Description - HCS500_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS512 MICROCHIP-HCS512_11 Datasheet
715Kb / 34P
KEELOQ짰 Code Hopping Decoder system and high security
2011
HCS515 MICROCHIP-HCS515_11 Datasheet
820Kb / 38P
KEELOQ짰 Code Hopping Decoder stand-alone decoder
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com