Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 27 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 27 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 23Page - Microchip Technology HCS500 Datasheet HTML 24Page - Microchip Technology HCS500 Datasheet HTML 25Page - Microchip Technology HCS500 Datasheet HTML 26Page - Microchip Technology HCS500 Datasheet HTML 27Page - Microchip Technology HCS500 Datasheet HTML 28Page - Microchip Technology HCS500 Datasheet HTML 29Page - Microchip Technology HCS500 Datasheet HTML 30Page - Microchip Technology HCS500 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
© 2011 Microchip Technology Inc.
DS40153D-page 27
HCS500
9.1.4
ACTIVATE LEARN COMMAND IN MICRO MODE
9.1.5
ACTIVATE LEARN COMMAND IN STAND-ALONE MODE
9.1.6
LEARN STATUS STRING
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70 °C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min
Typ
Max
Units
TLRN
Learn command activation time
20
—
1000
μs
TACK
Decoder acknowledge time
—
—
20
μs
TRESP
Microcontroller acknowledge
response time
20
—
1000
μs
TACK2
Decoder data line low
—
—
10
μs
*
These parameters are characterized but not tested.
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min
Typ
Max
Units
TPP1
Command request time
—
—
100
ms
TPP2
Learn command activation time
—
—
2
s
TPP3
Erase-all command activation time
—
—
6
s
*
These parameters are characterized but not tested.
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C ð TA
≤+85°C
Symbol
Parameters
Min
Typ
Max
Units
TDHI
Command request time
—
—
500
ms
TCLA
Microcontroller command
request time
0.005
—
500
ms
TCA
Decoder request
acknowledge time
——
10
μs
TCLH
Clock high hold time
1.2
ms
TCLL
Clock low hold time
0.020
—
1.2
ms
TCLKH
Clock high time
20
—
1000
μs
TCLKL
Clock low time
20
—
1000
μs
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
—
—
5
μs
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com