Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS10 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VPS10
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VPS10 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VPS10 Datasheet HTML 1Page - Sanyo Semicon Device VPS10 Datasheet HTML 2Page - Sanyo Semicon Device VPS10 Datasheet HTML 3Page - Sanyo Semicon Device VPS10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
No. 5209-4/4
VPS10
VPS10 Thermal Design Example
Conditions: Using an fH = 85 kHz class monitor, fV = 100 MHz (clock)
VCC = 90 V, VBB = 10 V, VOUT = 50 Vp-p (CL = 10 pF)
Consider the case where the maximum clock frequency is 100 MHz, taking into account the fact that this class of monitor
can be operated at ambient temperatures up to Ta = 60°C.
As mentioned previously, the chips with the largest loss are the transistors in the emitter-follower stage. Determining
those values gives:
PC (E and F stages) = 7.2 × 0.20 = 1.44 [W]..................................... (5)
We determine
∆Tj by substituting the value for θj-c in equation (5).
∆Tj = 1.44 × 30 = 43.2 [°C]
Therefore, Tj (max) will be 43.2 + Tc (max) = 43.2 + 100. Since this will be under 100°C, it suffices to design a heat sink
that guarantees that Tc will be under 100°C.
Therefore, a heat sink such that Tc < 100°C will have the following thermal resistance:
θh = ∆Tc ÷ Pd (TOTAL) = (Tc – Ta) ÷ [Pd (1ch) × 3] = 40 ÷ (7.2 × 3) = 1.85°C/W
Thus the thermal resistance in this case is
θh = 1.8°C/W.
In actual practice, the ambient temperature and operating conditions will allow a heat sink smaller than that indicated by
this calculation to be used. Therefore, design optimization taking the actual conditions into account is also required.
This catalog provides information as of December, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Œ Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Item
VCC (V)
VBB (V)
VOUT (V)
VO (center)
1
90
10
50
50
2
80
10
40
45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com