Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS12 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VPS12
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VPS12 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VPS12 Datasheet HTML 1Page - Sanyo Semicon Device VPS12 Datasheet HTML 2Page - Sanyo Semicon Device VPS12 Datasheet HTML 3Page - Sanyo Semicon Device VPS12 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VPS12 Thermal Design Example
Conditions:
fV = 120 MHz (clock) in an fH = 85-kHz class monitor
VCC = 80 V, VBB = 10 V, VOUT = 40 Vp-p (CL = 10 pF)
Consider using this monitor at Ta = 60°C and operating it at a maximum frequency of f = 120 MHz (clock).
As was mentioned previously, the chip with the largest loss is Tr3 in the emitter-follower stage. Deriving that value from
the figures below and equation (3) gives:
Pc (EF stage) = 5.8
× 0.22 ≈ 1.3 [W] ............................................(5)
Next, applying the value of
θj-c to equation (5) shows ∆Tj to be as follows:
∆Tj = 1.3 × 35 = 45.5 [°C]
Here,
∆Tj is less than 50°C, and in the thermal design we only have to assure that Tc is less than 100°C. That is, we must
set
θh so that Tc is less than 100°C when Pd (TOTAL) = Pd (one channel) × 3.
Here,
∆Tc will be ∆Tc = 100 – 60 = 40°C
Since
θh = ∆Tc ÷ Pd (TOTAL) = 40 ÷ (5.8 × 3) = 2.3, then θh = 2.3 °C/W.
In an actual system, it may be possible to use a heat sink smaller than the one required for the value calculated above due
to the actual ambient temperature and other operating conditions. Actual designs should be optimized to match those
conditions using the data presented above.
No. 5309-4/4
VPS12
VCC (V)
VBB (V)
VOUT (V)
VO (center)
80
10
40
45
This catalog provides information as of September, 1996. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Œ Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com