Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1847 Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16F1847
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1847 Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16F1847 Datasheet HTML 68Page - Microchip Technology PIC16F1847 Datasheet HTML 69Page - Microchip Technology PIC16F1847 Datasheet HTML 70Page - Microchip Technology PIC16F1847 Datasheet HTML 71Page - Microchip Technology PIC16F1847 Datasheet HTML 72Page - Microchip Technology PIC16F1847 Datasheet HTML 73Page - Microchip Technology PIC16F1847 Datasheet HTML 74Page - Microchip Technology PIC16F1847 Datasheet HTML 75Page - Microchip Technology PIC16F1847 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 408 page
background image
PIC16(L)F1847
DS41453B-page 72
Preliminary
 2011 Microchip Technology Inc.
REGISTER 6-1:
CLKRCON: REFERENCE CLOCK CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-1/1
R/W-1/1
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
CLKREN
CLKROE
CLKRSLR
CLKRDC<1:0>
CLKRDIV<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CLKREN:
Reference Clock Module Enable bit
1
= Reference clock module is enabled
0
= Reference clock module is disabled
bit 6
CLKROE:
Reference Clock Output Enable bit(3)
1
= Reference Clock output is enabled on CLKR pin
0
= Reference Clock output disabled on CLKR pin
bit 5
CLKRSLR:
Reference Clock Slew Rate Control Limiting Enable bit
1
= Slew Rate limiting is enabled
0
= Slew Rate limiting is disabled
bit 4-3
CLKRDC<1:0>:
Reference Clock Duty Cycle bits
11
= Clock outputs duty cycle of 75%
10
= Clock outputs duty cycle of 50%
01
= Clock outputs duty cycle of 25%
00
= Clock outputs duty cycle of 0%
bit 2-0
CLKRDIV<2:0>
Reference Clock Divider bits
111
= Base clock value divided by 128
110
= Base clock value divided by 64
101
= Base clock value divided by 32
100
= Base clock value divided by 16
011
= Base clock value divided by 8
010
= Base clock value divided by 4
001
= Base clock value divided by 2(1)
000
= Base clock value(2)
Note 1:
In this mode, the 25% and 75% duty cycle accuracy will be dependent on the source clock duty cycle.
2:
In this mode, the duty cycle will always be equal to the source clock duty cycle, unless a duty cycle of 0%
is selected.
3:
To route CLKR to pin, CLKOUTEN of Configuration Word 1 = 1 is required. CLKOUTEN of Configuration
Word 1 = 0 will result in FOSC/4. See Section 6.3 “Conflicts with the CLKR pin” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com