Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1783 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F1783
Description  28-Pin 8-Bit Advanced Analog Flash Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1783 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F1783 Datasheet HTML 85Page - Microchip Technology PIC16F1783 Datasheet HTML 86Page - Microchip Technology PIC16F1783 Datasheet HTML 87Page - Microchip Technology PIC16F1783 Datasheet HTML 88Page - Microchip Technology PIC16F1783 Datasheet HTML 89Page - Microchip Technology PIC16F1783 Datasheet HTML 90Page - Microchip Technology PIC16F1783 Datasheet HTML 91Page - Microchip Technology PIC16F1783 Datasheet HTML 92Page - Microchip Technology PIC16F1783 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 420 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41579A-page 89
PIC16(L)F1782/3
8.6.6
PIR2 REGISTER
The PIR2 register contains the interrupt flag bits, as
shown in Register 8-6.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 8-6:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
OSFIF
C2IF
C1IF
EEIF
BCLIF
—
C3IF
CCP2IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
OSFIF:
Oscillator Fail Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 6
C2IF:
Comparator C2 Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 5
C1IF:
Comparator C1 Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 4
EEIF:
EEPROM Write Completion Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 3
BCLIF:
MSSP Bus Collision Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 2
Unimplemented:
Read as ‘0’
bit 1
C3IF:
Comparator C3 Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 0
CCP2IF:
CCP2 Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com