Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2369ADCSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2369ADCSM
Description  DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2369ADCSM Datasheet(HTML) 2 Page - Seme LAB

  2N2369ADCSM Datasheet HTML 1Page - Seme LAB 2N2369ADCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
2N2369ADCSM
Prelim. 3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IC = 10mA
IC = 10mA
IE = 10mA
VCE = 20V
VCE = 10V
TA = +150°C
VCB = 20V
TA = +125°C
VEB = 4V
IC = 10mA
IB = 1mA
TA = +150°C
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
TA = +25°C
IC = 10mA
TA = +150°C
IB = 1mA
TA = –55°C
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
IC = 10mA
VCE = 0.35V
IC = 30mA
VCE = 0.40V
IC = 10mA
VCE = 1V
TA = –55°C
IC = 100mA
VCE = 1V
IC = 10mA
VCE = 10V
f = 100MHz
VCB = 5V
IE = 0
f = 100kHz to 1MHz
VEB = 0.5V
IC = 0
f = 100kHz to 1MHz
IC = 10mA
IB1 = –IB2 = 10mA
IC = 10mA
IB1 = 3mA
IB2 = –1.5mA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICES
Collector – Emitter Cut-off Current
ICBO
Collector – Base Cut-off Current
IEBO
Emitter – Base Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE*
Current Gain
|hfe|
Magnitude of hfe
Cob
Output Capacitance
Cib
Input Capacitance
ts
Storage Time
ton
Turn–On Time
toff
Turn–Off Time
15
40
4.5
0.40
0.30
30
0.20
30
0.25
0.20
0.30
0.25
0.43
0.70
0.85
0.59
1.02
0.90
1.20
40
120
30
120
40
120
20
20
120
510
4
5
13
12
18
V
V
V
mA
mA
mA
V
V
—
—
pF
ns
ns
* Pulse Test: tp £ 300ms, d£ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com