Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F87J72 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F87J72
Description  Single-Phase Energy Meter Reference Design
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F87J72 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F87J72 Datasheet HTML 17Page - Microchip Technology PIC18F87J72 Datasheet HTML 18Page - Microchip Technology PIC18F87J72 Datasheet HTML 19Page - Microchip Technology PIC18F87J72 Datasheet HTML 20Page - Microchip Technology PIC18F87J72 Datasheet HTML 21Page - Microchip Technology PIC18F87J72 Datasheet HTML 22Page - Microchip Technology PIC18F87J72 Datasheet HTML 23Page - Microchip Technology PIC18F87J72 Datasheet HTML 24Page - Microchip Technology PIC18F87J72 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Calculation Engine and Register Description
© 2011 Microchip Technology Inc.
DS51931A-page 21
3.3
MODE
The MODE register controls the operation of the energy meter. The bit functions are
defined by the table below.
MAXIMUM CURRENT
16
R/W Maximum current of the meter (IMAX).
CALIBRATION_VOLTAGE
16
R/W Calibration Voltage of the meter (VCAL).
CALIBRATION_CURRENT
16
R/W Calibration Current of the meter (ICAL).
CALIBRATION_FREQUENCY
16
R/W Calibration Frequency of the meter.
METER_CONSTANT
16
R/W Meter Constant in imp/kWh or imp/kVARh.
CALIBRATION_LINE_CYCLE
16
R/W Number of line cycles for calibration.
GAIN_DENR_ENERGY_REACT
8
R/W Reactive Energy Pulse Output correction factor.
GAIN_NUMR_ENERGY_REACT
16
R/W Reactive Energy Pulse Output correction factor.
PHASE_COMPENSATION_90
8
R/W Phase delay for Reactive Power.
CREEP_THRSHOLD_MINUTE
8
R/W No Load threshold time (minutes).
CREEP_THRSHOLD_SECOND
8
R/W No Load threshold time (seconds).
ENERGY_ACT_FORWARD
32
R/W Forward Active Energy.
ENERGY_ACT_REVERSE
32
R/W Reverse Active Energy.
ENERGY_REACT_INDUCTIVE
32
R/W Inductive Reactive Energy.
ENERGY_REACT_CAPACITIVE
32
R/W Capacitive Reactive Energy.
TABLE 3-1:
INTERNAL REGISTER SUMMARY (CONTINUED)
Name
Bits
R/W
Description
REGISTER 3-1:
MODE REGISTER
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
CREEP
PHASE
ABSOLUTE
CF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3
CREEP: No-Load Threshold bit
1
=
Enabled
0
=Disabled
bit 2
PHASE: Phase bit
1
=
Single-Point Phase Correction
0
=
Multi-Point Phase Correction (future)
bit 1
ABSOLUTE: Positive Only Energy Accumulation Mode bit
1
=
Positive energy only
0
=
Both negative and positive energy accumulated (negative energy is subtracted)
bit 0
CF: Active Energy CF Phase Enable bit
1
=
Phase is enabled to be accumulated into the total energy registers or CF pulse output
0
=
Phase is DISABLED and is not accumulated into the total energy registers or CF pulse output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com