Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2484CSM
Description  HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2484CSM Datasheet(HTML) 2 Page - Seme LAB

  2N2484CSM Datasheet HTML 1Page - Seme LAB 2N2484CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
V
—
MHz
pF
pF
k
Ω
x 10-6
—
60
60
6
10
10
0.35
0.5
0.7
30
100
500
175
200
250
800
15
60
6
6
3.5
24
800
150
900
IC = 10µAIE = 0
IC = 10mA
IB = 0
IE = 10µAIC = 0
VCB = 45V
IE = 0
VBE = 5V
IC = 0
IC = 1mA
IB = 0.1mA
IC = 0.1mA
VCE = 5V
IC = 1µAVCE = 5V
IC = 10µAVCE = 5V
IC = 100µAVCE = 5V
IC = 500µAVCE = 5V
IC = 1mA
VCE = 5V
IC = 10mA
VCE = 5V
f = 5MHz
IC = 0.05mA
f = 30MHz
IC = 0.5mA
VCB = 5V
IE = 0
f = 140kHz
VBE = 0.5V
IC = 0
f = 140kHz
VCE = 5V
IC = 1mA
f = 1kHz
2N2484CSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/95
LAB
SEME
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CBO* Collector – Base Breakdown Voltage
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(on)
Base – Emitter On Voltage
hFE
DC Current Gain
fT
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
hie
Input Impedance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
* Pulse Test: tp ≤ 300µs, δ≤ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com