Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2857CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2857CSM
Description  HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2857CSM Datasheet(HTML) 2 Page - Seme LAB

  2N2857CSM Datasheet HTML 1Page - Seme LAB 2N2857CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
µA
V
—
nA
dB
—
—
pF
dB
ps
30
15
2.5
50
1
0.4
0.5
1
30
10
100
4.5
50
220
10
21
1
12.5
21
4.0
15
IC = 1µAIE = 0
IC = 3mA
IB = 0
IE = 10µAIC = 0
VCB = 15V
IE = 0
TA = –55°C
IC = 10mA
IB = 1mA
VCE = 1V
IC = 3mA
TA = 150°C
VCB = 16V
IB = 0
VCE = 6V
IC = 1.5mA
f = 450MHz
RG = 50Ω
VCE = 6V
IC = 2mA
VCE = 6V
IC = 5mA
f = 100MHz
VCB = 10V
IE = 0
f = 0.1 to 1 MHz
VCE = 6V
IC = 1.50mA
f = 450MHz
VCE = 6V
IE = 2mA
f = 31.9MHz
2N2857CSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/95
LAB
SEME
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CBO* Collector – Base Breakdown Voltage
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector – Base Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE
DC Current Gain
ICES
Collector – Emitter Cut-off Current
NF
Noise Figure
hfe
Small Signal Current Gain
| hfe |
Magnitude of hfe
Ccb
Collector – Base Feedback
Capacitance
Gpe
Small Signal Power Gain
rb’Cc
Collector – Base Time Constant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com