Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMM28S Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMM28S
Description  High hFE NPN silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMM28S Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMM28S Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMM28S Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMM28S Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMM28S
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
T
T
T
A
A
A
A
=25
=25
=25
=25
℃ unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
not
not
not
not
ed
ed
ed
ed
如無特殊說明,溫度爲 25℃ )
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min.
最小值
Typ.
典型值
Max.
最大值
Unit
單位
Collector Cutoff Current
集電極截止電流
ICBO
VCB=25V,IE=0
—
—
100
nA
Emitter Cutoff Current
發射極截止電流
IEBO
VEB=5V,IC=0
—
—
100
nA
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓
V(BR)CBO
IC=100μA
40
—
—
V
Collector-Emitter Breakdown Voltage
集電極-射極擊穿電壓
V(BR)CEO
IC=1mA
20
—
—
V
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓
V(BR)EBO
IE=100μA
5
—
—
V
DC Current Gain
直流電流增益
hFE
VCE=1V,
IC=100mA
300
—
1200
—
Transition Frequency
特徵頻率
fT
VCE=5V,IC=10mA
—
120
—
MHz
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
VCE(sat)
IC=600mA,
IB=20mA
—
—
0.55
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com