Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2894CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2894CSM
Description  HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2894CSM Datasheet(HTML) 2 Page - Seme LAB

  2N2894CSM Datasheet HTML 1Page - Seme LAB 2N2894CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
V
V
–—
MHz
pF
pF
ns
ns
– 12
– 12
– 4
– 10
– 80
–0.15
–0.20
– 0.50
–0.78
–0.98
–0.85
–1.2.
–1.7
30
40
150
25
17
400
6
6
60
9
IC = 10mAIE = 0
IC = 10mA
IB = 0
IE = 10mAIC = 0
VCB = –6V
Tamb = 125°C
VBE = 0
VCE = –6V
IC = –10mA
IB = –1mA
IC = –30mA
IB = –3mA
IC = –100mA IB = –10mA
IC = –10mA
IB = –1mA
IC = –30mA
IB = –3mA
IC = –100mA IB = –10mA
IC = –10mA
VCE = –0.3V
IC = –30mA
VCE = –0.5V
IC = –100mA VCE = –1V
IC = –30mA
VCE = –0.5V
Tamb = 125°C
VCE = –10V
f = 100MHz
IC = –30mA
VEB = –5V
IC = 0
f = 1MHz
VCB = –5V
IC = 0
f = 1MHz
IC = –30mA
VCE = –2V
IB2 = –1.5mA
IC = –30mA
VCE = –2V
IB1 = IB2= –1.5mA
2N2894CSM
Prelim. 10/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CBO* Collector – Base Breakdown Voltage
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
ICES
Collector Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter On Voltage
hFE
DC Current Gain
fT
Current Gain Bandwidth Product
Cebo
Emitter – Base – Capacitance
Ccbo
Collector – Base – Capacitance
ton
Turn on Time
toff
Turn off Time
* Pulse Test: tp £ 300ms, d£ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com