Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR10C40CT Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR10C40CT
Description  Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR10C40CT Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR10C40CT Datasheet HTML 1Page - Solid States Devices, Inc SSR10C40CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0036B
DOC
ELECTRICAL CHARACTERISTICS 3/
Symbol Condition
Temperature (TA)
Units
-55
C
25
C
150
C
typ.
max
typ.
max
typ.
max
Instantaneous Forward Voltage Drop
(300 - 500
sec pulse)
VF1
VF2
VF3
VF4
VF5
IF = 2.0 A
IF = 5.0 A
IF = 10.0A
IF = 5.0 A
IF = 5.0 A
---
---
---
1.3
---
---
---
---
1.8
---
1.15
1.25
1.5
---
---
1.25
1.55
1.9
---
---
---
---
---
---
1.25
---
---
---
---
1.8
VDC
Reverse Leakage Current
(300
sec pulse min)
IR1
IR2
At rated VR
---
---
25
---
250
---
---
50
---
1000
A
Junction Capacitance
CJ
VR = 10V
f = 1MHz
---
200
350
---
pF
NOTES:
* Pulse Test: Pulse Width = 300
sec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
Available Part Numbers:
SSR10C40CTG
SSR10C50CTG
SSR10C60CTG
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3 (Tab)
Cerpack (G)
Anode
Anode
Cathode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR10C60CT Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com