Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR20C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR20C
Description  Schottky Silicon Carbide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR20C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR20C Datasheet HTML 1Page - Solid States Devices, Inc SSR20C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0049B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR20C __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
└ Package
S = SMD1
M = TO-254
│
│
└ Configuration
CT = Centertap
└ Voltage
100 = 1000 V
120 = 1200 V
SSR20C Series
20 A / 1200 V
Schottky Silicon Carbide
Centertap Rectifier
FEATURES:
• 1200 Volt Silicon Carbide Schottky Rectifier
• Average Output Current 20 Amps
• No Reverse Recovery
• No Forward Recovery
• No Switching Time Change Over
Temperature
• Small Package Size
• TX, TXV, and Space Level Screening
Available. Consult Factory.
MAXIMUM RATINGS3/
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
SSR20C100CT
SSR20C120CT
VRRM
VR
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
Per Leg
Total
IO
10
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
IFSM
120
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +250
oC
Junction Temperature
TJ
-55 to +250
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
1.0
oC/W
SMD1 (S)
TO-254 (M)
NOTES:
* Pulse Test: Pulse Width = 300
μsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC


Similar Part No. - SSR20C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR20C20CT SSDI-SSR20C20CT Datasheet
86Kb / 2P
20A / 300V Schottky Silicon Carbide Centertap Rectifier
SSR20C30CT SSDI-SSR20C30CT Datasheet
86Kb / 2P
20A / 300V Schottky Silicon Carbide Centertap Rectifier
More results

Similar Description - SSR20C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
logo
Cree, Inc
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
logo
Solid States Devices, I...
RS0032C SSDI-RS0032C Datasheet
143Kb / 2P
Schottky Silicon Carbide
RS0032C SSDI-RS0032C_15 Datasheet
143Kb / 2P
Schottky Silicon Carbide
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com