Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR50C50 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR50C50
Description  SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR50C50 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR50C50 Datasheet HTML 1Page - Solid States Devices, Inc SSR50C50 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0140B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR50C __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package
M = TO-254
│
│
└ Configuration
CT = Centertap
└ Voltage
50 = 500 V
60 = 600 V
SSR50C60CT Series
50 Amp
SCHOTTKY SILICON CARBIDE
CENTERTAP RECTIFIER
600 Volts
FEATURES:
 World’s Smallest Hermetic SiC Centertap
Rectifier
 High Voltage, 600V
 Very High Operating Temperature, 250°C
 No Recovery Time (tfr or trr)
 High Current Operation, 50A
 Hermetically Sealed, Isolated Power
Package
 TX, TXV, and Space Level Screening
Available - Consult Factory
 Lead Forming Available – Consult Factory
MAXIMUM RATINGS3/
Symbol
Value
Units
Peak Repetitive Reverse and
Peak Surge Reverse Voltage
SSR50C50
SSR50C60
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
Per Leg
Total
IO
25
50
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave)
Per Leg
IFSM
100
Amps
Power Dissipation
(TC = 25°C)
PD
120
Watts
Operating & Storage Temperature
4/
TOP & Tstg
-55 to +250
oC
Maximum Thermal Resistance
Junction to Ambient
Junction to Case
RθJC
1.9
oC/W
TO-254 (M)


Similar Part No. - SSR50C50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSR50DA ETC-SSR50DA Datasheet
1Mb / 4P
Solid State Relay
March 2012
SSR50LA ETC-SSR50LA Datasheet
1Mb / 4P
Solid State Relay
March 2012
More results

Similar Description - SSR50C50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR24C60CT SSDI-SSR24C60CT_1 Datasheet
72Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RC0140B SSDI-RC0140B Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RS0022 SSDI-RS0022 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0024 SSDI-RS0024 Datasheet
146Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0020J SSDI-RS0020J_15 Datasheet
115Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0022 SSDI-RS0022_15 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E_15 Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
SH0029E SSDI-SH0029E_15 Datasheet
106Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com