Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR0340 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR0340
Description  SCHOTTKY SMD Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR0340 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR0340 Datasheet HTML 1Page - Solid States Devices, Inc SSR0340 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0051A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR 03 40 ____ ___
└
Screening2/
___ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
|
|
|
|
|
└
Package
S.22 = SMD.22
/5 = TO-5
|
|
|
|
|
|
|
└
Voltage
40 = 40V
|
|
|
|
|
|
|
|
|
└
Current
03 = 3A
SSR0340
3 AMP
SCHOTTKY SMD Rectifier
40 VOLTS
FEATURES:
• Low Forward Voltage Drop: 0.48V
• Hermetically Sealed Surface Mount
Package
• Guard Ring for Overvoltage Protection
• 3 Amp Replacement for 1N5817, 1N5818,
and 1N5819
• Higher Voltages Available – Contact
Factory
• TX, TXV, and Space Level Screening
Available - Contact Factory.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
VRRM
VRWM
VR
40
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
3
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction
to Reach Equilibrium between Pulses, TA = 25
oC)
IFSM
60
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
Junction to Case
RθJC
15
oC/W
Notes:
1/ For ordering information, price, operating curves and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
SMD.22
TO-5


Similar Part No. - SSR0340

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR0340-4 SSDI-SSR0340-4 Datasheet
53Kb / 2P
3 AMP 40 VOLTS SCHOTTKY SMD RECTIFIER
More results

Similar Description - SSR0340

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
logo
Solid States Devices, I...
SH0051A SSDI-SH0051A Datasheet
116Kb / 2P
SCHOTTKY SMD Rectifier
SH0051A SSDI-SH0051A_15 Datasheet
116Kb / 2P
SCHOTTKY SMD Rectifier
logo
Formosa MS
MDS12 FORMOSA-MDS12 Datasheet
57Kb / 7P
SMD Schottky Bridge Rectifier
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_V01 Datasheet
720Kb / 3P
SMD Schottky Barrier Rectifier Diodes SMD Schottky-Gleichrichterdioden
2022-10-24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com