Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1008M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1008M
Description  80 - 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1008M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1008M Datasheet HTML 1Page - Solid States Devices, Inc SSR1008M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0205L
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR1008
SSR1009
SSR1010
__
__
__
__
__
__
__
__
__
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Options
__ = Straight Leads
DB = Bent Down
UB = Bent Up
Package
M = TO-254
Z = TO-254Z
SSR1008M, SSR1008Z
SSR1009M, SSR1009Z
SSR1010M, SSR1010Z
10 AMPS
80 - 100 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage Current
• Hermetically Sealed Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening
Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SSR1008
SSR1009
SSR1010
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current 3/
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
10
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave, superimposed on IO, allow
junction to reach equilibrium between pulses, TA=25
°C)
IFSM
200
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance 3/
Junction to Case
RθJC
2.0
°C/W
NOTES:
1/
For ordering information, price, and availability- Contact Factory.
2/
Screening based on MIL-PRF-19500. Screening flows available
on request.
3/
For optimal performance, connect leads 2 & 3 together.
TO-254
TO-254Z


Similar Part No. - SSR1008M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1008M SSDI-SSR1008M Datasheet
196Kb / 2P
10 AMPS 80 - 100 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR1008M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD0802 SSDI-SPD0802 Datasheet
30Kb / 2P
2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508-28 SSDI-SSR0508-28 Datasheet
147Kb / 2P
5 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR0508-5 SSDI-SSR0508-5 Datasheet
134Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508J SSDI-SSR0508J Datasheet
170Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508G SSDI-SSR0508G Datasheet
141Kb / 2P
5 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
SSR1008-28 SSDI-SSR1008-28 Datasheet
158Kb / 2P
10 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008J SSDI-SSR1008J Datasheet
172Kb / 2P
10 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR1008M SSDI-SSR1008M Datasheet
196Kb / 2P
10 AMPS 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD0801 SSDI-SPD0801 Datasheet
173Kb / 2P
1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com