Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR2009Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR2009Z
Description  SCHOTTKY RECTIFER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2009Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR2009Z Datasheet HTML 1Page - Solid States Devices, Inc SSR2009Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0091J
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR20
__
__
__
__
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Options
__ = Straight Leads,
DB = Bent Down
UB = Bent Up
Package
M = TO-254
Z = TO-254Z
Voltage / Family
08 = 80V
09 = 90V
10 = 100V
SSR2008M, SSR2008Z
SSR2009M, SSR2009Z
SSR2010M, SSR2010Z
20 AMPS
100 VOLTS
SCHOTTKY
RECTIFER
FEATURES:
• PIV: 100 Volts
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Guard Ring for Overvoltage Protection
• Isolated Hermetically Sealed Package
• Available in Glass or Ceramic Seal Packages
• Custom Lead Forming Available
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, and Space Level Screening
Available
MAXIMUM RATINGS3/
Symbol
Value
Unit
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SSR2008M & Z
SSR2009M & Z
SSR2010M & Z
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Forward Current 1/4/
(Resistive Load, 60 Hz, Sine Wave, TC = 25
°C)
IO
20
Amps
Peak Surge Current 4/
(8.3 ms Pulse, Half Sine Wave, TA = 25
°C)
IFSM
300
Amps
Operating and Storage Temperature
TOP & Tstg -65 to +175
°C
Maximum Thermal Resistance4/
(Junction to Case)
RθJC
1.2
°C/W
NOTE:
TO-254
TO-254Z
1/ Derate linearly at 1A/
°C for T
C > 155
°C
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ All electrical characteristics @25
°C, unless otherwise specified
4/ Pins 2 and 3 externally connected together


Similar Part No. - SSR2009Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2009Z SSDI-SSR2009Z Datasheet
55Kb / 2P
20 AMPS 100 VOLTS CHOTTKY RECTIFER
More results

Similar Description - SSR2009Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2010J SSDI-SSR2010J Datasheet
169Kb / 2P
20 AMPS 100 VOLTS SCHOTTKY RECTIFER
logo
Sirectifier Semiconduct...
MBR2X160-100 SIRECTIFIER-MBR2X160-100 Datasheet
88Kb / 1P
Power Schottky Rectifer - Non isolated
logo
STMicroelectronics
STPS61L60C STMICROELECTRONICS-STPS61L60C Datasheet
122Kb / 8P
Power Schottky rectifer
18-May-2009
logo
Microsemi Corporation
MSG104 MICROSEMI-MSG104_07 Datasheet
97Kb / 2P
1 Amp Schottky Rectifer
MSG108 MICROSEMI-MSG108_07 Datasheet
97Kb / 2P
1 Amp Schottky Rectifer
MSG110 MICROSEMI-MSG110 Datasheet
95Kb / 2P
1 Amp Schottky Rectifer
MSG140 MICROSEMI-MSG140_07 Datasheet
98Kb / 2P
1 Amp Schottky Rectifer
logo
First Components Intern...
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
Solid States Devices, I...
RH0075 SSDI-RH0075 Datasheet
214Kb / 2P
RECTIFER
RS0087 SSDI-RS0087 Datasheet
173Kb / 2P
RECTIFER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com