Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2913 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2913
Description  DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2913 Datasheet(HTML) 1 Page - Seme LAB

  2N2913 Datasheet HTML 1Page - Seme LAB 2N2913 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim. 9/95
2N2913
2N2915
2N2917
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DUAL NPN
PLANAR TRANSISTORS IN
TO77 PACKAGE
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage 1
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
PD
Total Device Dissipation
TAMB = 25°C
Derate above 25°C
PD
Total Device Dissipation
TC = 25°C
Derate above 25°C
TSTG
Storage Temperature Range
TL
Lead temperature (Soldering, 10 sec.)
45V
45V
6V
30
300mW
500mW
1.72mW / °C
2.86W / °C
750mW
1.5W
4.3mW / °C
8.6mW / °C
–65 to 200°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–77 PACKAGE
ABSOLUTE MAXIMUM RATINGS
(Tamb = 25°C unless otherwise stated)
PIN 1 – Collector 1
PIN 2 – Base 1
PIN 3 – Emitter 1
PIN 4 – Emitter 2
PIN 5 – Base 2
PIN 6 – Collector 2
1.02
(0.040)
Max.
8.51 (0.335)
9.40 (0.370)
7.75 (0.305)
8.51 (0.335)
5.08
(0.200)
2.54
(0.100)
2.54
(0.100)
0.74 (0.029)
1.14 (0.045)
1
6
4
3
2
45˚
0.71 (0.028)
0.86 (0.034)
0.41 (0.016)
0.53 (0.021)
5
NOTES
1. Base – Emitter Diode Open Circuited.
EACH SIDE
TOTAL DEVICE


Similar Part No. - 2N2913

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2913 CENTRAL-2N2913 Datasheet
52Kb / 1P
Dual Transistors
logo
New Jersey Semi-Conduct...
2N2913 NJSEMI-2N2913 Datasheet
159Kb / 1P
DUAL NPN LOW LEVEL LOW NOISE DIFFERENTIAL AMPLIFIERS
2N2913 NJSEMI-2N2913 Datasheet
92Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
America Semiconductor, ...
2N2913 AMERICASEMI-2N2913 Datasheet
2Mb / 4P
DUAL N-P-N SILICON TRANSISTORS
logo
Seme LAB
2N2913DCSM SEME-LAB-2N2913DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
More results

Similar Description - 2N2913

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2223A SEME-LAB-2N2223A Datasheet
18Kb / 2P
DUAL NPN TRANSISTOR IN TO77 HERMETIC PACKAGE
2N2914 SEME-LAB-2N2914 Datasheet
28Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2919 SEME-LAB-2N2919 Datasheet
28Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2920 SEME-LAB-2N2920 Datasheet
19Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N5794 SEME-LAB-2N5794 Datasheet
43Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN
2N2919 SEME-LAB-2N2919_02 Datasheet
45Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
New Jersey Semi-Conduct...
2N2918 NJSEMI-2N2918 Datasheet
212Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2914 NJSEMI-2N2914 Datasheet
212Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2920 NJSEMI-2N2920 Datasheet
86Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2915 NJSEMI-2N2915 Datasheet
92Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com