Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR4045CTZ Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR4045CTZ
Description  POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR4045CTZ Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR4045CTZ Datasheet HTML 1Page - Solid States Devices, Inc SSR4045CTZ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0031E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR4045 CT M __ TX
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
│
│
│
│
│
│
│
│
│
│
└ Lead Bend:
__
= Straight
UB = Up Bend
DB = Down Bend
│
│
│
└ Package:
M
= TO-254
Z
= TO-254Z
└ Configuration:
CT = Common Cathode
CA = Common Anode
D
= Doubler
SSR4045CTM
SSR4045CTZ
40 AMP, 45 VOLTS
POSITIVE CENTERTAP
SCHOTTKY RECTIFIER
FEATURES:
• Low Forward Voltage Drop
• Low Reverse Leakage
• Guard Ring for Overvoltage Protection
• Isolated Hermetically Sealed Power Package
• Available in Glass or Ceramic Seal Packages
• Eutectic Die Attach
• 175°C Operating Temperature
• TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse and DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TC=55
°C) 3/
IO
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25
°C) 3/
IFSM
600
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
Junction to Case
4/
Junction to Case
5/
RθJC
1.0
2.0
°C/W
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening per MIL-PRF-19500
3/ Both legs tied together. For doubler configuration, value shall be half of
the value shown, tested per leg
4/ Both legs tied together. For doubler configuration, both dies tested in series
5/ Per leg
TO-254
TO-254Z


Similar Part No. - SSR4045CTZ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045CT-3 SSDI-SSR4045CT-3 Datasheet
42Kb / 2P
40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CT-61 SSDI-SSR4045CT-61 Datasheet
209Kb / 2P
10 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CT/3 SSDI-SSR4045CT/3 Datasheet
42Kb / 2P
40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CT/61 SSDI-SSR4045CT/61 Datasheet
209Kb / 2P
10 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CTC SSDI-SSR4045CTC Datasheet
228Kb / 2P
40 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SSR4045CTZ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2060CTM SSDI-SSR2060CTM_1 Datasheet
180Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025 Datasheet
47Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0061 SSDI-RS0061 Datasheet
38Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0071 SSDI-RS0071 Datasheet
154Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025_15 Datasheet
47Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0033 SSDI-RS0033_15 Datasheet
229Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0061 SSDI-RS0061_15 Datasheet
38Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0067E SSDI-RS0067E_15 Datasheet
115Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0097 SSDI-RS0097_15 Datasheet
151Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0163 SSDI-RS0163_15 Datasheet
215Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com