Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR6010M Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR6010M
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR6010M Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR6010M Datasheet HTML 1Page - Solid States Devices, Inc SSR6010M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0255B
DOC
ELECTRICAL CHARACTERISTICS (per leg)3/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300sec pulse)
IF = 30 A
IF = 60 A
VF1
VF2
-
-
0.65
0.85
0.8
1.1
VDC
Instantaneous Forward Voltage Drop
(TA= 125ºC, 300sec pulse)
IF = 30 A
IF = 60 A
VF3
VF4
-
-
0.60
0.75
0.75
1.00
VDC
Instantaneous Forward Voltage Drop
(TA= -55ºC, 300sec pulse)
IF = 30 A
IF = 60 A
VF5
VF6
-
-
0.70
0.88
0.90
-
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300sec pulse minimum)
IR1
-
20
100
uA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300sec pulse minimum)
IR2
-
6
-
mA
Reverse Leakage Current
(Rated VR, TA = 125ºC, 300sec pulse minimum)
IR3
-
20
30
mA
Junction Capacitance
(VR = 5V, f = 1MHz, TA = 25ºC)
CJ
2800
3500
pF
Package Outline: TO-254
PIN OUT:
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
Package Outline: TO-254Z
PIN OUT:
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR6010M
SSR6010Z



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com