Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4506 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # ST4506
Description  150 W Transient Voltage Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST4506 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  ST4506 Datasheet HTML 1Page - Solid States Devices, Inc ST4506 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00029C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
ST ___ ___ ___
└ Screening 2/ __= Not Screened
TX = TX Level
TXV = TXV Level
S= S Level (for SM, use –S)
│
│
│
│
└ Package:5/
___= Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Type Number: 4462 - 4506
ST4462 – ST4506
Series
150 W Transient Voltage Suppressor
7.5 – 510 VOLTS
FEATURES:
•
Hermetically Sealed
•
Low Reverse Leakage
•
Voltage up to 510V
•
Ultra Miniature
•
TX, TXV, and Space Level Screening Available
2/
•
5 Times Greater Surge Than JAN13016 Series
•
¼ Size of conventional 1 W Zeners
Maximum Ratings
Symbol
Value
Units
Peak pulse power dissipation with a 10/1000 μs waveform
PPPM
150
W
Steady State Power Dissipation
PD
3
W
Operating and Storage Temp.
Top & Tstg
-65 to +175
ºC
Maximum Forward Voltage Drop
IF = 1.0 Apk, TA = 25 ºC, pulsed
VF
1.5
V
Thermal Resistance, (axial)
Junction to Lead L=3/8”
ΡθJL
42
ºC/W
Thermal Resistance, (end tab)
Junction to Tab
RθJE
32
ºC/W
AXIAL
SM
SMS
DIM
MIN
MAX
A
---
.085”
B
---
.170”
C
1.00”
---
D
.028”
.034”
DIM
MIN
MAX
A
.075”
0.085”
B
.125”
0.150”
C
0.010”
0.022”
DIM
MIN
MAX
A
.090”
.100”
B
.175”
.215”
C
.022”
.028”
D
0.001”
––


Similar Part No. - ST4506

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST450-50L2KI VISHAY-ST450-50L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST450-50L2MI VISHAY-ST450-50L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Coilcraft lnc.
ST450PHD COILCRAFT-ST450PHD Datasheet
383Kb / 2P
Coupled Inductors for Critical Applications
ST450PHD102ML COILCRAFT-ST450PHD102ML Datasheet
383Kb / 2P
Coupled Inductors for Critical Applications
ST450PHD103ML COILCRAFT-ST450PHD103ML Datasheet
383Kb / 2P
Coupled Inductors for Critical Applications
More results

Similar Description - ST4506

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
500 W Transient Voltage Suppressor
logo
ON Semiconductor
SMF20AT1G ONSEMI-SMF20AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor
May, 2013 ??Rev. 7
logo
Nexperia B.V. All right...
PTVS24VU1UPA NEXPERIA-PTVS24VU1UPA Datasheet
265Kb / 13P
300 W Transient Voltage Suppressor
PTVS22VU1UPA NEXPERIA-PTVS22VU1UPA Datasheet
262Kb / 13P
300 W Transient Voltage Suppressor
PTVS20VU1UPA NEXPERIA-PTVS20VU1UPA Datasheet
260Kb / 14P
300 W Transient Voltage Suppressor
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
400 W Transient Voltage Suppressor
1 June 2022
PTVSXS1UR_SER NEXPERIA-PTVSXS1UR_SER Datasheet
680Kb / 12P
400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com