Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4465 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # ST4465
Description  150 W Transient Voltage Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST4465 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  ST4465 Datasheet HTML 1Page - Solid States Devices, Inc ST4465 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00029C
DOC
NOTES:
1 For ordering information, price, operating curves, and availability – contact factory.
2 Screening based on MIL-PRF-19500. Screening flows available on request.
3 All voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test times will have a corresponding effect on the
measured value due to heating effects.
4 Non-repetitive peak reverse current pulse.
5 Ratings based on TL=100◦C @ L=3/8”. For SM or SMS, multiply by 1.66.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ST4462 – ST4506
Series
Electrical Characteristics @ 25 ºC
Nominal Zener
Voltage3/
Minimum
Reverse
Breakdown
Voltage3/
Test Current
Clamping Voltage
Max
Peak4/
Maximum Reverse
Standoff
Maximum
Continuous
Current5/
Typical
Temperature
Coefficient
VZ @ IZT
VZ @ IZT
IZT
Vc @ Ipp
@ Ipp
IR
VR
IRM
Tc @ IZT
Part
Number
Volts
Volts
mA
Volts
Amps
µA
Volts
mA
%/◦C
ST4462
ST4463
ST4464
ST4465
ST4466
7.5
8.2
9.1
10
11
7
7.7
8.5
9.4
10.4
100
100
50
50
50
11.3
12.3
13.3
14.8
15.7
13.3
12.2
11.3
10.1
9.6
1500
1200
100
20
5
6.2
6.8
7.5
8.2
9.1
240
220
200
180
150
.07
.08
.08
.09
.10
ST4467
ST4468
ST4469
ST4470
ST4471
12
13
15
16
18
11.4
12.4
13.8
15.3
16.8
50
50
50
25
25
17
18.9
20.9
22.9
25.6
8.8
7.9
7.2
6.6
5.9
5
5
5
5
5
10
11
12
13
15
140
120
110
100
90
.10
.10
.10
.11
.11
ST4472
ST4473
ST4474
ST4475
ST4476
20
22
24
27
30
18.8
20.8
22.8
25.1
28
25
25
25
25
25
28.4
31
33.8
38.1
42.2
5.3
4.8
4.4
3.9
3.6
5
5
5
5
5
16
18
20
22
24
80
75
65
60
55
.11
.11
.11
.11
.11
ST4477
ST4478
ST4479
ST4480
ST4481
33
36
39
43
47
31
34
37
40
44
25
10
10
10
10
46.2
50.1
54.1
60.7
65.5
3.2
3
2.8
2.5
2.3
5
5
5
5
5
27
30
33
36
39
50
40
35
33
30
.11
.11
.11
.13
.13
ST4482
ST4483
ST4484
ST4485
ST4486
51
56
62
68
75
48
52
58
64
70
10
10
10
10
10
70.8
78.6
86.5
94.4
103.5
2.1
1.9
1.7
1.6
1.5
5
5
5
5
5
43
47
51
56
62
27
24
21
18
18
.13
.13
.13
.13
.13
ST4487
ST4488
ST4489
ST4490
ST4491
82
91
100
110
120
77
85
94
104
114
10
5
5
5
5
114
126
139
152
167
1.3
1.2
1.1
1
0.9
5
5
5
5
5
68
75
82
91
100
15
15
12
12
12
.13
.13
.13
.13
.13
ST4492
ST4493
ST4494
ST4495
ST4496
130
150
160
180
200
124
138
153
168
188
5
5
5
5
5
185
204
224
249
276
0.81
0.73
0.67
0.6
0.54
5
5
5
5
5
110
120
130
150
160
12
11
11
9
9
.13
.13
.13
.13
.13
ST4497
ST4498
ST4499
ST4500
ST4501
220
240
270
300
330
208
228
251
280
310
2
2
2
2
2
305
336
380
419
459
0.5
0.45
0.4
0.36
0.33
5
5
5
5
5
180
200
220
240
270
9
7
7
6.5
6
.13
.13
.13
.14
.14
ST4502
ST4503
ST4504
ST4505
ST4506
360
390
430
470
510
340
370
400
440
480
2
2
2
2
2
498
537
603
655
707
0.3
0.28
0.25
0.23
0.21
5
5
5
5
5
300
330
360
390
430
5.5
4.8
4.2
4.2
3.6
.14
.14
.15
.15
.16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com