Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE3AS02
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE3AS02 Datasheet HTML 5Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 6Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 10Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 11Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 12Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
Version 1.2
9
02 Sep 2005
When Active Burst Mode is entered, the internal Bias is
switched off in order to reduce the current consumption to
below 1.05mA while keeping the Voltage Reference active
as this is necessary in this mode.
3.3
Startup Phase
Figure 5
Soft Start
At the beginning of the Startup Phase, the IC provides a Soft
Start duration whereby it controls the maximum primary
current by means of a duty cycle limitation. A signal VSoftS
which is generated by the external capacitor CSofts in
combination with the internal pull up resistor RSoftS,
determines the duty cycle until VSoftS exceeds 4V.
When the Soft Start begins, CSoftS is immediately charged up
to approx. 1V by T2. Therefore the Soft Start Phase takes
place between 1V and 4V. Above VSoftsS = 4V there is no
longer duty cycle limitation DCmax which is controlled by
comparator C7 since comparator C2 blocks the gate G7 (see
Figure 5). This maximum charge current in the very first
stage when VSoftS is below 1V, is limited to 1.32mA.
Figure 6
Startup Phase
By means of this extra charge stage, there is no delay in the
beginning of the Startup Phase when there is still no
switching. Furthermore Soft Start is finished at 4V to have
faster the maximum power capability. The duty cycles DC1
and DC2 are depending on the mains and the primary
inductance of the transformer. The limitation of the primary
current by DC2 is related to VSoftS = 4V. But DC1 is related
to a maximum primary current which is limited by the
internal Current Limiting with CS = 1V. Therefore the
maximum Startup Phase is divided into a Soft Start Phase
until t1 and a phase from t1 until t2 where maximum power
is provided if demanded by the FB signal.
Soft-Start
Comparator
Soft Start
&
G7
C7
C
SoftS
R
SoftS
T2
3.25k
Ω
6.5V
T3
1V
SoftS
Gate Driver
0.85V
x3.7
PWMOP
CS
4V
C2
DC
max
DC
1
DC
2
t
t
V
SoftS
max. Soft Start Phase
1V
4V
5.4V
max. Startup Phase
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com