Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53AEC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # IMX53AEC
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53AEC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button IMX53AEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53AEC Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 178 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
65
Figure 29 and Table 41 show the address and control timing parameters for LPDDR2.
Figure 29. DDR SDRAM Address and Control Timing Parameters for LPDDR2
DDR4
CS, RAS, CAS, CKE, WE, ODT setup time
tIS
0.6
—
ns
DDR5
CS, RAS, CAS, CKE, WE, ODT hold time
tIH
0.6
—
ns
DDR6
Address output setup time
tIS
0.6
—
ns
DDR7
Address output hold time
tIH
0.6
—
ns
1 All timings are refer to Vref level cross point.
2
Reference load model is 25 ohm resistor from each of the DDR outputs to VDD_REF.
Table 41. DDR SDRAM Timing Parameter Table for LPDDR21 2
1 All timings are refer to Vref level cross point.
2
Reference load model is 25 ohm resistor from each of the DDR outputs to VDD_REF.
ID
Parameter
Symbol
SDCLK = 400 MHz
Units
Min
Max
LP1
SDRAM clock high-level width
tCH
0.45
0.55
tCK
LP2
SDRAM clock low-level width
tCL
0.45
0.55
tCK
LP3
CS, CKE setup time
tIS
0.3
—
ns
LP4
CS, CKE hold time
tIH
0.3
—
ns
LP3
CA setup time
tIS
0.3
—
ns
LP4
CA hold time
tIH
0.3
—
ns
Table 40. DDR SDRAM Timing Parameter Table1 2 (continued)
ID
Parameter
Symbol
SDCLK = 400 MHz
Units
Min
Max
CK
CS
CKE
CA
LP4
LP4
LP3
LP4
LP3
LP2
LP3
LP3
LP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com