Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3209CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3209CSM
Description  HIGH SPEED, PNP, SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3209CSM Datasheet(HTML) 1 Page - Seme LAB

  2N3209CSM Datasheet HTML 1Page - Seme LAB 2N3209CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 12/93
LAB
SEME
2N3209CSM
HIGH SPEED, PNP,
SWITCHING TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• SILICON PLANAR EPITAXIAL PNP TRAN-
SISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
For high reliablitity general purpose
applications requiring small size and low
weight devices.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation
PD
Derate above 50°C
Rja
Thermal Resistance Junction to Ambient
Tj
Max Junction Temperature
Tstg
Storage Temperature
–20V
–20V
–4V
–200mA
300mW
2.20mW / °C
420°C / W
200°C
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
SOT23 CERAMIC (CSM)
LCC1 PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Underside View
PAD 1
Base
PAD 2
Emitter
PAD 3
Collector
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3


Similar Part No. - 2N3209CSM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3209 STMICROELECTRONICS-2N3209 Datasheet
113Kb / 4P
HIGH-SPEED SATURATED SWITCHES
Oct-1988
logo
Central Semiconductor C...
2N3209 CENTRAL-2N3209 Datasheet
33Kb / 1P
Small Signal Transistors
logo
Seme LAB
2N3209 SEME-LAB-2N3209 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
New Jersey Semi-Conduct...
2N3209 NJSEMI-2N3209 Datasheet
272Kb / 2P
HIGH SPEED PNP SILICON PLANAR EPITAXIAL
logo
Seme LAB
2N3209DCSM SEME-LAB-2N3209DCSM Datasheet
16Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
More results

Similar Description - 2N3209CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
17Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM4 SEME-LAB-2N2222ACSM4 Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2369ACSM SEME-LAB-2N2369ACSM Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2907ACSM SEME-LAB-2N2907ACSM Datasheet
16Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2907ADCSM SEME-LAB-2N2907ADCSM Datasheet
41Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM Datasheet
15Kb / 2P
PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N5415CSM4 SEME-LAB-2N5415CSM4 Datasheet
16Kb / 2P
PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3250CSM SEME-LAB-2N3250CSM Datasheet
27Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM_08 Datasheet
27Kb / 2P
PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com