Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10XS3535 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 10XS3535
Description  Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XS3535 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 10XS3535 Datasheet HTML 17Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 18Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 19Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 21Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 22Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 23Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 24Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
10XS3535
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Figure 8. Single 16-Bit Word SPI Communication
SERIAL INPUT (SI)
The SI pin is a serial interface command data input pin.
Each SI bit is read on the falling edge of SCLK. A 16-bit
stream of serial data is required on the SI pin, starting with
D15 to D0. SI has a passive pull-down, RDOWN.
SERIAL OUTPUT (SO)
The SO data pin is a tri-stateable output from the shift
register. The SO pin remains in a high-impedance state until
the CS pin is put into a logic [0] state. The SO data is capable
of reporting the status of the output, the device configuration,
and the state of the key inputs. The SO pin changes state on
the rising edge of SCLK and reads out on the falling edge of
SCLK.
CHIP SELECT (CS)
The CS pin enables communication with the master
device. When this pin is in a logic [0] state, the device is
capable of transferring information to, and receiving
information from, the master device. The 10XS3535 device
latches in data from the Input Shift registers to the addressed
registers on the rising edge of CS. The device transfers
status information from the power output to the Shift register
on the falling edge of CS. The SO output driver is enabled
when CS is logic [0]. CS should transition from a logic [1] to a
logic [0] state only when SCLK is a logic [0]. CS has a
passive pull-up, RUP.
CS
CSB
SI
SCLK
SO
D15
D1
D2
D3
D4
D5
D6
D7
D8
D9
D14
D13
D12
D11
D10
OD12
D0
OD13
OD14
OD15
OD6
OD7
OD8
OD9
OD10
OD11
OD1
OD2
OD3
OD4
OD5
1.
RSTB is in a logic H state during the above operation.
2.
DO, D1, D2, ... , and D15 relate to the most recent ordered entry of program data into the LUX IC
3.
OD0, OD1, OD2, ..., and OD15 relate to the first 16 bits of ordered fault and status data out of the LUX IC
NOTES:
OD0
CS
device.
device.
1. D15 : D0 relate to the most recent ordered entry of data into the device.
2. OD15 : OD0 relate to the first 16 bits of ordered fault and status data out of the device.
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com