Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33903 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
VSUP_NOMINAL
VDD (5.0 V)
VDD
VSUP/1
RESET
(ex 12 V)
VBAT
VDD_UV TH (typically 4.65 V)
VSUP_TH1 (4.1 V)
VSUP_NOMINAL
VDD (5.0 V)
VDD
VSUP/1
RESET
(ex 12 V)
VBAT
VDD_UV TH (typically 4.65 V)
VSUP_TH1 (4.1 V)
INT
VDD_UV TH2 (typically 3.2 V)
VSUP_NOMINAL
VDD (5.0 V)
VDD
VSUP/1
RESET
(ex 12 V)
VBAT
VDD_UV TH (typically 4.65 V)
INT
VDD_UV TH2 (typically 3.2 V)
BATFAIL (3.0 V)
(1)
(2)
(1) reset then (2) VDD turn OFF
VSUP_NOMINAL
VDD (5.0 V)
VDD
VSUP/1
RESET
(ex 12 V)
VBAT
VDD_UV TH (typically 4.65 V)
BATFAIL (3.0 V)
Case 2: “VDD UV 4.6V”, with bit Crank = 1
Case 1: “VDD UV TH 3.2V”, with bit Crank = 0 (default value)
Case 2: “VDD UV 3.2V”, with bit Crank = 1
Case 1: “VDD UV TH 4.6V”, with bit Crank = 0 (default value)
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
33903/4/5
FUNCTIONAL DEVICE OPERATION
BEHAVIOR AT POWER UP AND POWER DOWN
Figure 31. VDD Behavior During VSUP/1 Ramp Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com