Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3441 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3441
Description  MEDIUM POWER SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3441 Datasheet(HTML) 1 Page - Seme LAB

  2N3441 Datasheet HTML 1Page - Seme LAB 2N3441 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
IB
Base Current
Ptot
Total Power Dissipation
Derate above 25°C
Tj , Tstg
Operating and Storage Junction Temperature Range
160V
140V
7V
3A
2A
25W
0.142 W /°C
–65 to 200°C
2N3441
MECHANICAL DATA
Dimensions in mm (inches)
3.68
(0.145) rad.
max.
3.61 (0.142)
3.86 (0.145)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
MEDIUM POWER
SILICON NPN
TRANSISTOR
FEATURES
• Low Saturation Voltages
• High Voltage Ratings
• Maximum Safe–Operating–Area
Curves for DC and Pulse Operation.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Prelim. 7/94
LAB
SEME
TO–66
PIN 1 — Base
PIN 2 — Emitter
Case is Collector.
APPLICATIONS
• Series and Shunt Regulators
• Audio Amplifiers
• Power Switching Circuits
• Solenoid and Relay Drivers


Similar Part No. - 2N3441

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3441 MOSPEC-2N3441 Datasheet
94Kb / 2P
POWER TRANSISTORS(3A,140V,25W)
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N3441 MICROSEMI-2N3441 Datasheet
64Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
Savantic, Inc.
2N3441 SAVANTIC-2N3441 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N3441 NJSEMI-2N3441 Datasheet
276Kb / 1P
ELECTRICAL CHARACTERISTICS
More results

Similar Description - 2N3441

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
2N3506 MICROSEMI-2N3506 Datasheet
96Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com