Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I.MX27 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor Multiple clock and power domains
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 72Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 73Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 74Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 75Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 76Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 77Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 78Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 79Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
76
Freescale Semiconductor
Electrical Characteristics
NOTE
SDR SDRAM CLK parameters are being measured from the 50%
point—that is, high is defined as 50% of signal value and low is defined as
50% of signal value.
The timing parameters are similar to the ones used in SDRAM data
sheets—that is, Table 38 indicates SDRAM requirements. All output signals
are driven by the ESDCTL at the negative edge of SDCLK and the
parameters are measured at maximum memory frequency.
Figure 39. SDRAM Refresh Timing Diagram
SD13
Data setup time
tDS
2.0
—
ns
SD14
Data hold time
tDH
1.3
—
ns
Note:
1 SD11 and SD12 are determined by SDRAM controller register settings.
Table 39. SDRAM Refresh Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
SD1
SDRAM clock high-level width
tCH
3.4
4.1
ns
SD2
SDRAM clock low-level width
tCL
3.4
4.1
ns
Table 38. SDR SDRAM Write Timing Parameters (continued)
ID
Parameter
Symbol
Min
Max
Unit
CS
CAS
WE
RAS
ADDR
BA
ROW/BA
SD6
SD7
SD11
SD10
SD10
SDCLK
SD1
SD2
SDCLK
SD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com