Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912_634 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MM912_634
Description  Integrated S12 Based Relay Driver with LIN
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912_634 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MM912_634 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 20Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 21Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 22Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 345 page
background image
Electrical Characteristics
MM912_634 Advance Information, Rev. 4.0
Freescale Semiconductor
21
3.5.2
Static Electrical Characteristics MCU Die
3.5.2.1
I/O Characteristics
This section describes the characteristics of all I/O pins except EXTAL, XTAL, TEST and supply pins.
Temperature represented by a ADCIN Voltage of 1.984 V
(22)
T1.984V
145
150
155
°C
Note:
22.
Guaranteed by design and characterization.
Table 25. Static Electrical Characteristics - Supply Voltage Sense - VSENSE and VS1SENSE
Ratings
Symbol
Min
Typ
Max
Unit
VSENSE Input Divider Ratio (RATIOVSENSE = VVSENSE / ADCIN)
5.5 V < VSUP < 27 V
RATIOVSENS
E
-
10.8
5.0%
VSENSE error - whole path (VSENSE pad to Digital value)
ErVSENSE
--
5.0
%
VS1SENSE Input Divider Ratio (RATIOVS1SENSE = VVS1SENSE / ADCIN)
5.5 V < VSUP < 27 V
RATIOVS1SE
NSE
-
10.8
5.0%
VS1SENSE error - whole path (VS1 pad to Digital value)
ErVS1SENSE
--
5.0
%
VSENSE Series Resistor
RVSENSE
9.5
10
10.5
kOhm
VSENSE Capacitor (optional)(23)
CVSENSE
-
100
-
nF
Note:
23.
The ESD behavior specified in Section 3.8, “ESD Protection and Latch-up Immunity is guaranteed without the optional capacitor.
Table 26. 5.0 V I/O Characteristics for PTA, PTE, RESET and BKGD Pins
Ratings
Symbol
Min
Typ
Max
Unit
Input high voltage
V
IH
0.65*VDDRX
--
V
Input high voltage
VIH
--
VDDRX +
0.3
V
Input low voltage
VIL
--
0.35*VDDR
X
V
Input low voltage
VIL
VSSRX - 0.3
-
-
V
Input hysteresis
VHYS
-
250
-
mV
Input leakage current (pins in high-impedance input mode)
VIN = VDDRX or VSSRX
I
IN
-1.0
-
1.0
A
Output high voltage (pins in output mode) IOH = -4.0 mA
V
OH
VDDRX – 0.8
-
-
V
Output low voltage (pins in output mode) IOL = +4.0 mA
VOL
--
0.8
V
Internal pull-up resistance (VIHmin > input voltage > VILmax)
RPUL
25
-
50
k
Internal pull-down resistance (VIHmin > input voltage > VILmax)
RPDH
25
-
50
k
Input capacitance
Cin
-6.0
-
pF
Injection current(24)
Single pin limit
Total device Limit, sum of all injected currents
IICS
IICP
-2.5
-25
-
-
2.5
25
mA
Note:
24.
Refer to Section 3.8, “ESD Protection and Latch-up Immunity” for more details.
Table 24. Static Electrical Characteristics - Temperature Sensor - TSENSE
Ratings
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com