Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5675K Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5675K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5675K Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5675K Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5675K
Rev. 4, 04/2011
© Freescale Semiconductor, Inc., 2009–2011. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5675K
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
257 MAPBGA
(14 x 14 mm)
473 MAPBGA
(19 x 19 mm)
1
Overview
This document provides electrical specifications,
pin assignments, and package diagrams for the
MPC5675K series of microcontroller units
(MCUs).
The MPC5675K microcontroller is a 32-bit
embedded controller designed for advanced driver
assistance systems with RADAR, CMOS imaging,
LIDAR and ultrasonic sensors, and multiple
3-phase motor control applications as in hybrid
electric vehicles (HEV) in automotive and high
temperature industrial applications.
A member of Freescale Semiconductor’s
MPC5500/5600 family, it contains the Book E
compliant Power Architecture
 technology core
with Variable Length Encoding (VLE). This core
complies with the Power Architecture embedded
category, and is 100 percent user mode compatible
with the original Power PC
 user instruction set
architecture (UISA). It offers system performance
up to four times that of its MPC5561 predecessor,
while bringing you the reliability and familiarity of
the proven Power Architecture technology.
A comprehensive suite of hardware and software
development tools is available to help simplify and
speed system design. Development support is
available from leading tools vendors providing
compilers, debuggers and simulation development
environments.
MPC5675K Microcontroller
Data Sheet
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.2
Block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
1.3
Feature list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
1.4
Feature details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2
Package pinouts and signal descriptions . . . . . . . . . . . . . . . . 23
2.1
Package pinouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
2.2
Pin descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
3
Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
3.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
3.2
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 73
3.3
Recommended operating conditions . . . . . . . . . . . . . . 75
3.4
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 77
3.5
Electromagnetic interference (EMI) characteristics . . . 79
3.6
Electrostatic discharge (ESD) characteristics. . . . . . . . 79
3.7
Static latch-up (LU). . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.8
Power Management Controller (PMC) electrical
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.9
Supply current characteristics . . . . . . . . . . . . . . . . . . . 82
3.10 Temperature sensor electrical characteristics . . . . . . . 83
3.11 Main oscillator electrical characteristics . . . . . . . . . . . . 83
3.12 FMPLL electrical characteristics. . . . . . . . . . . . . . . . . . 84
3.13 16 MHz RC oscillator electrical characteristics . . . . . . 85
3.14 ADC electrical characteristics. . . . . . . . . . . . . . . . . . . . 85
3.15 Flash memory electrical characteristics . . . . . . . . . . . . 91
3.16 SRAM memory electrical characteristics . . . . . . . . . . . 93
3.17 GP pads specifications . . . . . . . . . . . . . . . . . . . . . . . . . 93
3.18 PDI pads specifications . . . . . . . . . . . . . . . . . . . . . . . . 95
3.19 DRAM pad specifications . . . . . . . . . . . . . . . . . . . . . . 100
3.20 RESET characteristics . . . . . . . . . . . . . . . . . . . . . . . . 106
3.21 Reset sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
3.22 Peripheral timing characteristics. . . . . . . . . . . . . . . . . 114
4
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136
4.1
Package mechanical data. . . . . . . . . . . . . . . . . . . . . . 136
5
Orderable parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
6
Reference documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
7
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . 143


Similar Part No. - MPC5675K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5675K NXP-MPC5675K Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 8.1, 04/2020
MPC5675K NXP-MPC5675K Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
MPC5675KFF0MJM1R NXP-MPC5675KFF0MJM1R Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
MPC5675KFF0MJM2R NXP-MPC5675KFF0MJM2R Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 9, 12/2021
MPC5675KFF0MMM1R NXP-MPC5675KFF0MMM1R Datasheet
1Mb / 147P
MPC5675K Microcontroller
Rev. 8.1, 04/2020
More results

Similar Description - MPC5675K

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
32-bit Embedded Controller Division
logo
NXP Semiconductors
LPC810M021FN8 NXP-LPC810M021FN8 Datasheet
556Kb / 2P
A 32-bit microcontroller designed for the 8-bit world
November 2012
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
High Performance 32-bit Embedded Controller
01/27/15
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com