Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5675K Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # MPC5675K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5675K Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button MPC5675K Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 140Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 138 / 140 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Document revision history
Freescale Semiconductor
138
7. MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering
Documents at 800-854-7179 or 303-397-7956.
8. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an
Automotive Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47–54.
9. G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled
Applications,” Electronic Packaging and Production, pp. 53–58, March 1998.
10. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance
and Its Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp.
212–220.
7
Document revision history
Table 77 summarizes revisions to this document.
Table 77. Revision history
Revision
Date
Description of Changes
1
6 Oct 2009
Initial release.
2
6 Dec 2009
Updated ball map tables, pin mux tables, supply and system pin tables.
Added PMC specifications.
3
2 Jul 2010
Updated ball map tables, pin mux tables, supply and system pin tables.
Updated pad specifications.
Added reset specifications section.
430 Apr 2011
Removed thickness dimension from package diagrams on cover page.
Added footnote “Do not connect pin directly to a power supply or ground” for MDO[0:15]
and MSEO[0:1] pins to Table 9 and Table 10.
In Table 17, PMC electrical specifications:
– Added mininum and maximum slew rate specifications for LvdReg.
– Removed LvdC minimum and maximum hysteresis specifications
– Removed HvdC minimum and maximum hysteresis specifications
– Corrected HvcD nominal hysreresis from 1.32 to 1.36
In Table 18, updated specifications for device Q (FET).
Renamed Table 19 to “Current consumption characteristics.”
In Table 19, updated ADC current consumption to 1.2 mA per ADC plus 0.7 mA (2.0 mA
total) for ADC0.
– Removed “Typical” figures for these specifications.
– Added footnote “ADC0 includes 0.7 mA dissipation for the temperature sensor
(TSENS).”
Updated Accuracy specification in Table 20,Temperature sensor electrical characteristics:
changed “TJ = –40 °C to TA = 25 °C” to “TJ = –40 °C to TA = 125 °C,” removed row “TJ
= TA to 125 °C”.
In Table 21,Main oscillator electrical characteristics, added symbol name FXOSCHS for
Oscillator frequency specification.
Renamed Section 3.9, “Power dissipation and current consumption,” to Section 3.9,
Supply current characteristics.
in Table 23, RC oscillator electrical characteristics:
– Added specification
IRCTRIM “Internal RC oscillator trimming step.”
– Removed specification
RCTRIM “Post trim accuracy: The variation of the PTF from
the 16 MHz” (specification replaced by
IRCTRIM “Internal RC oscillator trimming step”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com