Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5673K Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5673K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673K Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5673K Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
Overview
MPC5675K Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
•
DDR 1
•
DDR 2 (optional)
•SDR
The controller has the following features:
•
Optimized timing for 32-byte bursts and single read accesses on the AHB interface
•
Optimized timing for 8-byte and 16-byte bursts on the DRAMC interface
•
Supports priority elevation on the slave ports for single accesses
•
16-bit wide DRAM interface
•
One chip select (CS)
•
mDDR memory controller
— 16-bit external interface
— Address range up to 8 MB
1.4.12
Boot Assist Module (BAM)
•
Enables booting via serial mode (FlexCAN, LINFlex)
•
Handles static mode in case of an erroneous boot procedure
•
Implemented in 8 KB ROM
•
Supports Lock Step Mode (LSM) and Decoupled Parallel Mode (DPM)
1.4.13
Parallel Data Interface (PDI)
•
Support for external ADC and CMOS image sensors
•
Parallel interface operation up to MCU system bus frequency
•
Selectable data capture from rising or falling edge
•
Receive FIFO with adjustable trigger thresholds
•
Data width for 8, 10, 12, 14, and 16 bits
•
Data Packing Unit to pack input data on 64-bit words — data packed on 8- or 16- bit boundary,
depending on input data width
•
Binary increasing channel select that allows as many as eight channels to be selected
•
Frame synchronization through Vsync, Hsync, PIXCLK
1.4.14
Deserial Serial Peripheral Interface (DSPI) modules
•
Three Serial Peripheral Interfaces
— Full duplex communication ports with interrupt and eDMA request support
— Support for all functional modes from QSPI submodule of QSMCM (MPC5xx family)
— Support for queues in RAM
— Six chip selects, expandable to 64 with external demultiplexers
— Programmable frame size, baud rate, clock delay, and clock phase on a per-frame basis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com